Electronic Components Datasheet Search
  English  ▼

X  

BAT74S Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT74S
Description  Schottky Barrier Double Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT74S Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT74S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAT74S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
BAT74S
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Max
Unit
IF = 0.1 mA
200
IF = 1 mA
260
IF = 10 mA
340
IF = 30 mA
420
IF = 100 mA
750
reverse current
IR
VR =25V;note1
2
A
when switched from IF =10mA toIR =10mA;
RL = 100
;measured at IR =1mA
diode capacitance
Cd
f= 1MHz;VR =1V
10
pF
Note
1. Pulse test: tp = 300
s; ä = 0.02.
mV
forward voltage
VF
reverse recovery time
trr
5ns
Marking
Marking
74



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com