Electronic Components Datasheet Search
  English  ▼

X  

BA683 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BA683
Description  Band-switching diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BA683 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BA683 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
2.64REF
0.50
0.35
3.60
3.30
1.50
1.30
LL-34
Unit: mm
Band-switching diodes
BA682; BA683
Features
Continuous reverse voltage:max. 35 V
Continuous forward current:max. 100 mA
Low diode capacitance:max. 1.5 pF
Low diode forward resistance:max. 0.7 to 1.2
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
Continuous reverse voltage
VR
35
V
Continuous forward current
IF
single diode loaded
100
mA
Storage temperature
Tstg
-65
+150
Junction temperature
Tj
150
Thermal resistance from junction to tie-point
Rth j-t p
300
K/W
Thermal resistance from junction to ambient
Rth j-a
600
K/W
E lectrical C haracteristics Ta = 25
S ym bol
C onditions
M ax
U nit
V F
IF = 100 m A
1.0
V
V R =20 V
50
nA
V R =20 V ; Tj =75
1
A
C d
f= 1 M H z;V R =1 V
1.5
pF
B A 682
1.25
B A 683
1.20
B A 682
0.7
B A 683
1.2
B A 682
0.5
B A 683
0.9
D iode forw ard resistance
rD
IF = 10m A ; f = 200M H z;
Param eter
Forw ard voltage
R everse current
D iode capacitance
rD
D iode forw ard resistance
D iode capacitance
C d
f= 1 M H z;V R =3 V
IF = 3 mA ; f = 200 MH z;
pF
IR


Similar Part No. - BA683

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA683 PHILIPS-BA683 Datasheet
31Kb / 5P
Band-switching diodes
1996 Mar 13
logo
Vishay Siliconix
BA683 VISHAY-BA683 Datasheet
46Kb / 3P
Silicon Planar Diodes
16-Mar-06
logo
Semtech Corporation
BA683 SEMTECH-BA683 Datasheet
94Kb / 2P
Silicon Epitaxial Planar Diode Switches?
logo
Siemens Semiconductor G...
BA683 SIEMENS-BA683 Datasheet
52Kb / 3P
SILICON PIN DIODES
logo
Vishay Siliconix
BA683 VISHAY-BA683 Datasheet
62Kb / 3P
Band Switching Diodes
16-Jul-10
More results

Similar Description - BA683

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2C856 PANASONIC-MA2C856 Datasheet
42Kb / 2P
Band Switching Diodes
logo
Vishay Siliconix
BA282 VISHAY-BA282_08 Datasheet
114Kb / 4P
Band Switching Diodes
05-Dec-07
BA682 VISHAY-BA682_10 Datasheet
62Kb / 3P
Band Switching Diodes
16-Jul-10
BA782S-V VISHAY-BA782S-V Datasheet
66Kb / 3P
Band Switching Diodes
05-Aug-10
BA682-GS08 VISHAY-BA682-GS08 Datasheet
82Kb / 5P
Band Switching Diodes
16-Mar-06
logo
Rohm
1SS356 ROHM-1SS356_17 Datasheet
1Mb / 8P
Band Switching Diodes
DAN235UFH ROHM-DAN235UFH Datasheet
1Mb / 8P
Band Switching Diodes
DAP236U ROHM-DAP236U_17 Datasheet
1Mb / 8P
Band Switching Diodes
1SS390SM ROHM-1SS390SM Datasheet
1Mb / 8P
Band Switching Diodes
logo
Vishay Siliconix
BA682 VISHAY-BA682_V01 Datasheet
228Kb / 3P
Band Switching Diodes
04-Mar-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com