Electronic Components Datasheet Search
  English  ▼

X  

1SS352 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS352
Description  ULTRA HIGH SPEED SWITCHING APPLICATION DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS352 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS352 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
ULTRA HIGH SPEED SWITCHING APPLICATION DIODE
1SS352
Features
Small Package
Low forward voltage
:VF(3) =0.98(Typ)
Fast reverse recovery time
:trr =1.6ns (Typ)
Small total capacitance
:CT =0.5 pF(Typ)
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
E lectrical C haracteristics T a = 25
P arem eter
S ym bol
Test C onditions
Typ.
M ax
U nit
IF = 1 m A
0.62
IF =10 m A
0.75
IF = 100 m A
0.98
1.2
V R =30 V ;
0.1
V R =80 V ;
0.5
Total C apacitance
C T
V R =0, f =1 M H z
0.5
3
pF
R everse R ecovery Tim e
trr
IF = 10 m A ;
1.6
4
ns
V
A
R everse C urrent
IR
Forward V olatge
V F
Marking
Marking
C1
Absolute Maxim um Ratings Ta = 25
Parem eter
Sym bol
Rating
Unit
Maxim um (peak) reverse voltage
VRM
85
V
Reverse voltage
VR
80
V
Forward current
IFM
200
m A
m axim um (peak) voltage current
Io
100
m A
Surge current
t=1s
IFSM
1A
Power dissipation
P
200(*)
m W
Junction Tem perature
Tj
125
Storage Tem perature Range
Tstg
-55 to+ 125
(*)Mounted on a glass epoxy circuit board of 20 * 20 m m , pad dim ension of 4 * 4 m m


Similar Part No. - 1SS352

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS352 TOSHIBA-1SS352 Datasheet
121Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS352 TOSHIBA-1SS352 Datasheet
203Kb / 3P
Ultra High Speed Switching Application
01-Nov-2007
logo
SEMTECH ELECTRONICS LTD...
1SS352 SEMTECH_ELEC-1SS352 Datasheet
257Kb / 3P
SILICON EPITAXIAL PLANAR DIODE
logo
Toshiba Semiconductor
1SS352 TOSHIBA-1SS352 Datasheet
214Kb / 3P
Ultra High Speed Switching Application
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
More results

Similar Description - 1SS352

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS187 TOSHIBA-1SS187 Datasheet
128Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS200 TOSHIBA-1SS200 Datasheet
127Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS336 TOSHIBA-1SS336 Datasheet
150Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS337 TOSHIBA-1SS337 Datasheet
150Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS352 TOSHIBA-1SS352 Datasheet
121Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS360 TOSHIBA-1SS360 Datasheet
129Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS361 TOSHIBA-1SS361 Datasheet
117Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS362 TOSHIBA-1SS362 Datasheet
122Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS368 TOSHIBA-1SS368 Datasheet
120Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS387 TOSHIBA-1SS387 Datasheet
125Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com