Electronic Components Datasheet Search
  English  ▼

X  

TC1232 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC1232
Description  MICROPROCESSOR MONITOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1232 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC1232 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1232 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1232 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1232 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1232 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1232 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5-21
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
AC ELECTRICAL CHARACTERISTICS: (Cont.) TA = TMIN to TMAX; VCC = +5V to +10%, unless otherwise
specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
tR
VCC Rise Time (Note 4)
Figure 6
0
—
—
µsec
tRPD
VCC Detect to RST High
Figure 7, VCC Falling
—
—
100
nsec
and RST Low
tRPU
VCC Detect to RST High
Figure 8, VCC Rising
250
610
1000
msec
and RST Open (Note 6)
PIN DESCRIPTION
Pin No.
Pin No.
Pin No.
(8-Pin PDIP) (8-Pin SOIC) (16-Pin SOIC) Symbol Description
1
1
2
PB RST Push-button Reset Input. A debounced active-low input that ignores
pulses less than 1msec in duration and is guaranteed to recognize inputs
of 20msec or greater.
2
2
4
TD
Time Delay Set. The watchdog time-out select input (tTD = 150msec for
TD = 0V, tTD = 600msec for TD = open, tTD = 1.2sec for TD = VCC).
3
3
6
TOL
Tolerance Input. Connect to GND for 5% tolerance or to VCC for 10%
tolerance.
4
4
8
GND
Ground.
5
5
9
RST
Reset Output (Active High) - goes active:
1. If VCC falls below the selected reset voltage threshold
2. If PB RST is forced low
3. If ST is not strobed within the minimum time-out period
4. During power-up
6
6
11
RST
Reset Output (Active Low, Open Drain) - see RST.
7
7
13
ST
Strobe Input. Input for watchdog timer.
88
15
VCC
The +5V Power-Supply Input.
1, 3, 5, 7, 10,
NC
No Internal Connection.
12, 14, 16
NOTES: 1. PB RST is internally pulled up to VCC with an internal impedance of typically 40kΩ.
2. Measured with outputs open.
3. All voltages referenced to GND.
4. Guaranteed by design.
5. PB RST must be held low for a minimum of 20msec to guarantee a reset.
6. tR = 5µsec.
1
8
2
7
3
6
4
5
TC1232CPA
TC1232EPA
RST
RST
GND
TOL
TD
PB RST
RST
ST
VCC
RST
ST
18
27
36
45
RST
GND
TOL
TD
PB RST
RST
ST
VCC
PB RST
TC1232COA
TC1232EOA
V
1
2
3
4
5
6
7
8
16
13
12
11
10
9
NC
TD
NC
NC
15
14
TOL
GND
NC
NC
NC
TC1232COE
TC1232EOE
NC
CC
NC
16-Pin SOIC Wide
8-Pin PDIP
8-Pin SOIC
PIN CONFIGURATIONS
TC1232
MICROPROCESSOR MONITOR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com