Electronic Components Datasheet Search
  English  ▼

X  

LT1935 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1935
Description  1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1935 Datasheet(HTML) 2 Page - Linear Technology

  LT1935 Datasheet HTML 1Page - Linear Technology LT1935 Datasheet HTML 2Page - Linear Technology LT1935 Datasheet HTML 3Page - Linear Technology LT1935 Datasheet HTML 4Page - Linear Technology LT1935 Datasheet HTML 5Page - Linear Technology LT1935 Datasheet HTML 6Page - Linear Technology LT1935 Datasheet HTML 7Page - Linear Technology LT1935 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1935
1935f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Feedback Voltage
Measured at the FB Pin
●
1.240
1.265
1.280
V
Feedback Voltage Line Regulation
2.5V ≤ VIN ≤ 16V
0.01
%/V
FB Pin Bias Current
VFB = VREF
●
12
60
nA
Undervoltage Lockout Threshold
2.1
2.3
V
Maximum Input Voltage
16
V
Switching Frequency
1
1.2
1.4
MHz
Maximum Duty Cycle
●
85
93
%
Switch Current Limit
(Note 3)
2
3.2
A
Switch Saturating Voltage
ISW = 2A
180
280
mV
Switch Leakage Current
VSW = 5V
●
0.01
1
µA
SHDN Pin Input Current
VSHDN = 1.8V
14
40
µA
VSHDN = 0V
0.1
µA
Operating Supply Current
VFB = 1.5V
3
mA
SHDN Supply Current
VSHDN = 0V
0.1
1
µA
SHDN Input High Voltage
1.8
V
SHDN Input Low Voltage
0.5
V
(Note 1)
VIN Voltage .............................................................. 16V
SW Voltage ................................................ – 0.4V to 40V
FB Voltage ................................................................. 6V
Current Into FB Pin .............................................. ±1mA
SHDN Voltage ......................................................... 16V
Maximum Junction Temperature ......................... 125°C
Operating Ambient Temperature Range
(Note 2) .............................................. – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Strict adherence to JDEC 020B solder attach and rework
for assemblies containing lead is recommended.
Consult LTC marketing for parts specified with wider operating temperature ranges.
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3V, VSHDN = VIN unless otherwise noted. (Note 2)
ORDER PART
NUMBER
LT1935ES5
S5 PART MARKING
LTRX
TJMAX = 125°C, θJA = 113°C/ W,
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1935ES5 is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the – 40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current limit guaranteed by design and/or correlation to static test.
SW 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
FB 3
5 VIN
4 SHDN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com