Electronic Components Datasheet Search
  English  ▼

X  

TC1410 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC1410
Description  0.5A HIGH-SPEED MOSFET DRIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1410 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC1410 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1410 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1410 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1410 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1410 Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4-186
TELCOM SEMICONDUCTOR, INC.
0.5A HIGH-SPEED MOSFET DRIVERS
TC1410
TC1410N
0
100
200
300
400
500
16
14
12
10
8
6
4
VDD (VOLTS)
Quiescent Supply Current
vs. Supply Voltage
TA = 25°C
-40
-20
0
20
40
60
80
0
100
200
300
400
500
TEMPERATURE (
°C)
Quiescent Supply Current
vs. Temperature
VSUPPLY = 16V
VIN = 3V
VIN = 0V
VIN = 0V
VIN = 3V
1.1
1.2
1.3
1.4
1.5
1.6
16
14
12
10
8
6
4
VDD (VOLTS)
Input Threshold
vs. Supply Voltage
TA = 25°C
-40
-20
0
20406080
1.1
1.2
1.3
1.4
1.5
1.6
TEMPERATURE (
°C)
Input Threshold
vs. Temperature
VSUPPLY = 16V
VIH
VIL
VIL
VIH
1
3
5
7
9
11
13
16
14
12
10
8
6
4
VDD (VOLTS)
High-State Output Resistance
Low-State Output Resistance
T
A =
– 40°C
T
A
= 85
°C
T
A =
25°C
1
3
5
7
9
11
13
16
14
12
10
8
6
4
VDD (VOLTS)
T
A = – 40
°C
T
A
= 85
°C
T
A =
25°C
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com