Electronic Components Datasheet Search
  English  ▼

X  

LT1933IS6 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1933IS6
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933IS6 Datasheet(HTML) 2 Page - Linear Technology

  LT1933IS6 Datasheet HTML 1Page - Linear Technology LT1933IS6 Datasheet HTML 2Page - Linear Technology LT1933IS6 Datasheet HTML 3Page - Linear Technology LT1933IS6 Datasheet HTML 4Page - Linear Technology LT1933IS6 Datasheet HTML 5Page - Linear Technology LT1933IS6 Datasheet HTML 6Page - Linear Technology LT1933IS6 Datasheet HTML 7Page - Linear Technology LT1933IS6 Datasheet HTML 8Page - Linear Technology LT1933IS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1933
2
1933fd
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN).....................................– 0.4V to 36V
BOOST Pin Voltage ..................................................43V
BOOST Pin Above SW Pin.........................................20V
SHDN Pin................................................... –0.4V to 36V
FB Voltage.................................................... –0.4V to 6V
Operating Temperature Range (Note 2)
LT1933E .................................................. –40°C to 85°C
(Note 1)
TOP VIEW
FB
GND
SHDN
BOOST
VIN
SW
DCB PACKAGE
6-LEAD (2mm × 3mm) PLASTIC DFN
4
5
7
6
3
2
1
θJA = 73.5°C/W, θJC = 12°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
BOOST 1
GND 2
FB 3
6 SW
5 VIN
4 SHDN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
θJA = 165°C/W, θJC = 102°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1933IDCB#PBF
LT1933IDCB#TRPBF
LCGM
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LT1933HDCB#PBF
LT1933HDCB#TRPBF
LCGN
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 150°C
LT1933ES6#PBF
LT1933ES6#TRPBF
LTAGN
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1933IS6#PBF
LT1933IS6#TRPBF
LTAGP
6-Lead Plastic TSOT-23
–40°C to 125°C
LT1933HS6#PBF
LT1933HS6#TRPBF
LTDDQ
6-Lead Plastic TSOT-23
–40°C to 150°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1933IDCB
LT1933IDCB#TR
LCGM
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 125°C
LT1933HDCB
LT1933HDCB#TR
LCGN
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 150°C
LT1933ES6
LT1933ES6#TR
LTAGN
6-Lead Plastic TSOT-23
–40°C to 85°C
LT1933IS6
LT1933IS6#TR
LTAGP
6-Lead Plastic TSOT-23
–40°C to 125°C
LT1933HS6
LT1933HS6#TR
LTDDQ
6-Lead Plastic TSOT-23
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
LT1933I ................................................. –40°C to 125°C
LT1933H................................................. –40°C to 150°C
Maximum Junction Temperature
LT1933E, LT1933I ................................................ 125°C
LT1933H................................................................ 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature, S6 Package
(Soldering, 10 sec) ........................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com