Electronic Components Datasheet Search
  English  ▼

X  

TC1411 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC1411
Description  1A HIGH-SPEED MOSFET DRIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1411 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC1411 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1411 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1411 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1411 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1411 Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4-190
TELCOM SEMICONDUCTOR, INC.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................... +20V
Input Voltage, IN A or IN B ..(VDD + 0.3V) to (GND – 5.0V)
Maximum Chip Temperature ................................. +150
°C
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
Package Thermal Resistance
CerDIP RθJ-A ................................................ 150°C/W
CerDIP RθJ-C .................................................. 50°C/W
PDIP RθJ-A ................................................... 125°C/W
PDIP RθJ-C ..................................................... 42°C/W
SOIC RθJ-A ................................................... 155°C/W
SOIC RθJ-C ..................................................... 45°C/W
Operating Temperature Range
C Version ............................................... 0
°C to +70°C
E Version .......................................... – 40
°C to +85°C
Power Dissipation (TA ≤ 70°C)
Plastic ............................................................. 730mW
CerDIP ............................................................ 800mW
SOIC ............................................................... 470mW
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operation sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
ELECTRICAL CHARACTERISTICS: Over operating temperature range with 4.5V
≤ VDD ≤ 16V, unless other-
wise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1 High Input Voltage
2.0
—
—
V
VIL
Logic 0 Low Input Voltage
—
—
0.8
V
IIN
Input Current
–5V
≤ VIN ≤ VDD
TA = 25°C– 1
—
1
µA
– 40
°C ≤ TA ≤ 85°C
– 10
—
10
Output
VOH
High Output Voltage
DC Test
VDD – 0.025
—
—
V
VOL
Low Output Voltage
DC Test
—
—
0.025
V
RO
Output Resistance
VDD = 16V, IO = 10mA TA = 25°C—
8
11
Ω
0
°C ≤ TA ≤ 70°C
—
10
14
– 40
°C ≤ TA ≤ 85°C
—10
14
IPK
Peak Output Current
VDD = 16V
—
1.0
—
A
IREV
Latch-Up Protection
Duty Cycle
≤ 2%
0.5
—
—
A
Withstand Reverse Current
t
≤ 300 µsec
Switching Time (Note 1)
tR
Rise Time
Figure 1
TA = 25°C
—
25
35
nsec
0
°C ≤ TA ≤ 70°C
—
27
40
– 40
°C ≤ TA ≤ 85°C
—29
40
tF
Fall Time
Figure 1
TA = 25°C
—
25
35
nsec
0
°C ≤ TA ≤ 70°C
—
27
40
– 40
°C ≤ TA ≤ 85°C
—29
40
tD1
Delay Time
Figure 1
TA = 25°C
—
30
40
nsec
0
°C ≤ TA ≤ 70°C
—
33
45
– 40
°C ≤ TA ≤ 85°C
—35
45
tD2
Delay Time
Figure 1
TA = 25°C
—
30
40
nsec
0
°C ≤ TA ≤ 70°C
—
33
45
– 40
°C ≤ TA ≤ 85°C
—35
45
Power Supply
IS
Power Supply Current
VIN = 3V
VDD = 16V
—
0.5
1.0
mA
VIN = 0V
—
0.1
0.15
NOTE: 1. Switching times are guaranteed by design.
VDD = 16V
1A HIGH-SPEED MOSFET DRIVERS
TC1411
TC1411N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com