Electronic Components Datasheet Search
  English  ▼

X  

TC1426 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC1426
Description  1.2A DUAL HIGH-SPEED MOSFET DRIVERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1426 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC1426 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1426 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1426 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1426 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1426 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1426 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-208
TELCOM SEMICONDUCTOR, INC.
1.2A DUAL HIGH-SPEED MOSFET DRIVERS
TC1426
TC1427
TC1428
ELECTRICAL CHARACTERISTICS: TA = 25
°C with 4.5V ≤ VDD+ ≤ 16V unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1, Input Voltage
3
—
—
V
VIL
Logic 0, Input Voltage
—
—
0.8
V
IIN
Input Current
0V
≤ VIN ≤ VDD
– 1
—
1
µA
Output
VOH
High Output Voltage
Test Figures 1 and 2
VDD – 0.025
—
—
V
VOL
Low Output Voltage
Test Figures 1 and 2
—
—
0.025
V
RO
Output Resistance
VIN = 0.8V,
—
12
18
Ω
IOUT = 10 mA, VDD = 16V
VIN = 3V,
—
8
12
IOUT = 10 mA, VDD = 16V
IPK
Peak Output Current
—
1.2
—
A
I
Latch-Up Current
Withstand Reverse Current
> 500
—
—
mA
Switching Time (Note 1)
tR
Rise Time
Test Figures 1 and 2
—
—
35
nsec
tF
Fall Time
Test Figures 1 and 2
—
—
25
nsec
tD1
Delay Time
Test Figures 1 and 2
—
—
75
nsec
tD2
Delay Time
Test Figures 1 and 2
—
—
75
nsec
Power Supply
IS
Power Supply Current
VIN = 3V (Both Inputs)
—
—
9
mA
VIN = 0V (Both Inputs)
—
—
0.5
Note: 1. Switching times guaranteed by design.
ABSOLUTE MAXIMUM RATINGS*
Power Dissipation (TA
≤ 70°C)
Plastic DIP ........................................................... 730W
SOIC ................................................................ 470 mW
Derating Factor
Plastic DIP ..................................................... 8 mW/
°C
SOIC .............................................................. 4 mW/
°C
Supply Voltage ............................................................ 18V
Input Voltage, Any Terminal .. (V
DD + 0.3V) to (GND – 0.3V)
Operating Temperature : C Version .............. 0
°C to +70°C
E Version ......... – 40
°C to +85°C
*Stresses above those listed under "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions above
those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Maximum Chip Temperature ................................. +150
°C
Storage Temperature ............................. +65
°C to +150°C
Lead Temperature (Soldering ,10 sec) ................. +300
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com