Electronic Components Datasheet Search
  English  ▼

X  

2SC2223 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2223
Description  NPN Silicon Epitaxial Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2223 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2223 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Silicon Epitaxial Transistor
2SC2223
Features
Micro package.
High gain bandwidth product fT=600MHz TYP
Low output capacitance.
Cob=1.0PF TYP
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
30
V
Collector to emitter voltage
VCEO
20
V
Emitter to base voltage
VEBO
4V
Collector current (DC)
IC
20
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
125
Storage temperature range
Tstg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = 25V, IE=0
100
nA
Emitter cutoff current
IEBO
VEB =3.0V, IC=0
100
nA
DC current gain
hFE
VCE =6.0V , IC = 1mA
40
90
180
Base-emitter voltage
VBE
IC = 10mA , IB = 1.0mA
0.72
V
Collector-emitter saturation voltage
VCE(sat) IC = 10mA , IB = 1.0mA
0.1
0.3
V
Gain bandwidth product
fT
VCE =6.0V , IE = -1.0mA
400
600
MHz
Output capacitance
Cob
VCB =6.0V , IE = 0 , f = 1.0MHz
1.0
pF
Collector to base time constant
Cc-rb'b
VCE =6.0V, IE = -1.0mA, f = 31.9MHz
12
ps
Noise figure
NF
VCE =6.0V, IE = -1.0mA, RG = 50Ù,
f = 100MHz
3dB
hFE Classification
Marking
F12
F13
F14
hFE
40
80
60
120
90
180


Similar Part No. - 2SC2223

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2223 NEC-2SC2223 Datasheet
222Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
SHENZHEN YONGERJIA INDU...
2SC2223 WINNERJOIN-2SC2223 Datasheet
142Kb / 1P
TRANSISTOR (NPN)
logo
Renesas Technology Corp
2SC2223 RENESAS-2SC2223 Datasheet
351Kb / 6P
Old Company Name in Catalogs and Other Documents
logo
SHIKUES Electronics
2SC2223 SKTECHNOLGY-2SC2223 Datasheet
242Kb / 2P
NPN-General use transistor
logo
Guangdong Kexin Industr...
2SC2223-3 KEXIN-2SC2223-3 Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SC2223

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com