Electronic Components Datasheet Search
  English  ▼

X  

2SC3125 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3125
Description  Silicon NPN Epitaxial Planar Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3125 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3125 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon NPN Epitaxial Planar Type
2SC3125
Features
Good Lineality of fT
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
25
V
Emitter-base voltage
VEBO
4V
Collector current
IC
50
mA
Base current
IB
25
mA
Collector Power Dissipation
PC
150
mW
Junction temperature
Tj
125
Storage temperature Range
Tstg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB = 30V, IE =0
0.1
ìA
Emitter cut-off current
IEBO
VEB =3V, IC =0
1.0
ìA
Collector-emitter breakdown voltage
V(BR)CEO IC=10mA,IB=0
25
V
DC current gain
hFE
VCE =10V, IC = 10mA
20
70
200
Saturation Voltage Collector-Emitter
VCE(sat)
0.2
V
Saturation Voltage Baser-Emitter
VBE(sat)
1.5
V
Transition Frequency
fT
VCE =10V, IC = 10mA
250
600
MHz
Collector Output Capacitance
Cob
VCC=10V,IE=0,f=1MHz
1.1
1.6
pF
Collector-BaseTime Constant
Cc.rbb'
VCB=10V,IC=1mA,f=30MHz
25
ps
IC=15mA,IB=1.5mA
Marking
Marking
HH


Similar Part No. - 2SC3125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3125 TOSHIBA-2SC3125 Datasheet
174Kb / 3P
NPN EPITAXIAL PLANAR TYPE (TV FINAL PICTURE RF AMPLIFIER APPLICATIONS)
28-Oct-1998
2SC3125 TOSHIBA-2SC3125 Datasheet
552Kb / 4P
Silicon NPN Epitaxial Planar Type TV Final Picture IF Amplifier Applications
01-Nov-2007
logo
Inchange Semiconductor ...
2SC3125 ISC-2SC3125 Datasheet
166Kb / 4P
isc Silicon NPN RF Transistor
logo
Galaxy Semi-Conductor H...
2SC3125 BILIN-2SC3125 Datasheet
172Kb / 3P
Silicon Epitaxial Planar Transistor
logo
Shenzhen Luguang Electr...
2SC3125 LUGUANG-2SC3125 Datasheet
1Mb / 2P
Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SC3125

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347_03 Datasheet
150Kb / 4P
Silicon NPN Epitaxial Planar Type
19-Mar-2003
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
Silicon NPN Epitaxial Planar Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com