Electronic Components Datasheet Search
  English  ▼

X  

TC38C46 Datasheet(PDF) 9 Page - TelCom Semiconductor, Inc

Part # TC38C46
Description  CMOS CURRENT MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC38C46 Datasheet(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC38C46 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC38C46 Datasheet HTML 10Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
4-109
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
CMOS CURRENT MODE
PWM CONTROLLERS
TC18C46
TC28C46
TC38C46
TYPICAL CHARACTERISTICS
Rt, kΩ
20
40
60
80
100
Rt, kΩ
20
40
60
80
100
11000
10000
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
1000
11000
10000
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
2000
3000
4000
5000
Ct, pF
10k
100k
2k
1000
2000
3000
4000
5000
Ct, pF
400
350
300
250
200
150
100
50
0
400
350
300
250
200
150
100
50
0
10k
100k
2k
4700pF
2200pF
1000pF
500pF
100pF
4700pF
2200pF
1000pF
500pF
100pF
18C46 Dead Time vs. Rt
18C46 Dead Time vs. Ct
18C46 OSC Frequency vs. Ct
18C46 OSC Frequency vs. Rt



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com