Electronic Components Datasheet Search
  English  ▼

X  

TC429 Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC429
Description  6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC429 Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TC429 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC429 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC429 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC429 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC429 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC429 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC429 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4-180
TELCOM SEMICONDUCTOR, INC.
TC429
6A SINGLE HIGH-SPEED,
CMOS POWER MOSFET DRIVER
TYPICAL CHARACTERISTICS
60
50
40
30
20
10
510
15
20
SUPPLY VOLTAGE (V)
Rise/Fall Times vs. Supply Voltage
TA = +25°C
CL = 2500pF
60
50
40
30
20
10
075
TEMPERATURE (
°C)
Rise/Fall Times vs. Temperature
CL = 2500pF
VDD = +15V
–50 –25
25 50
100 125 150
tR
tR
tF
tF
100
10
1
100
1K
10K
CAPACITIVE LOAD (pF)
Rise/Fall Times vs. Capacitive Load
90
80
70
60
50
40
075
TEMPERATURE (
°C)
Delay Times vs. Temperature
–50 –25
25 50
100 125
tD2
tD1
70
60
50
40
30
20
10
0
10
100
1K
10K
CAPACITIVE LOAD (pF)
200kHz
20kHz
Supply Current vs. Capacitive Load
tR
tF
TA = +25°C
VDD = +15V
400kHz
140
120
100
80
60
40
5
Delay Times vs. Supply Voltage
10
15
20
SUPPLY VOLTAGE (V)
tD1
tD2
TA = +25°C
CL = 2500pF
TA = +25°C
VDD = +15V
CL = 2500pF
VDD = +15V
50
40
30
20
10
0
1
10
100
1K
15V
10V
VDD = 18V
5V
TA = +25°C
CL = 2500 pF
FREQUENCY (kHz)
Supply Current vs. Frequency
4
2
04
8
12
16
20
Supply Current vs. Supply Voltage
SUPPLY VOLTAGE (V)
4
3
2
–75
–25
50
100
150
Supply Current vs. Temperature
TEMPERATURE (
°C)
–50
0
25
75
125
TA = +25°C
RL = ∞
INPUT LOGIC "1"
VDD = +18°C
RL = ∞
INPUT LOGIC "1"
150
HYSTERESIS
310mV
200mV
300mV
20
15
10
5
0
1.25
0.25 0.50 0.75
1
1.50 1.75
2
TA = +25°C
INPUT VOLTAGE (V)
Voltage Transfer Characteristics
400
300
200
100
CURRENT SOURCED (mA)
0
20
40
60
80
100
VDD = 5V
10V
15V
18V
TA = +25°C
High Output Voltage vs. Current
400
300
200
100
CURRENT SUNK (mA)
0
20
40
60
80
100
VDD = 5V
10V
15V
18V
TA = +25°C
Low Output Voltage vs. Current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com