Electronic Components Datasheet Search
  English  ▼

X  

1SS306 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS306
Description  Silicon Epitaxial Planar Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS306 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS306 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Diodes
www.kexin.com.cn
1
Unit: mm
Silicon Epitaxial Planar Type
1SS306
Features
Low forward voltage
:VF(2) =0.9 V(Typ)
Fast reverse recovery time :trr =30ns(Typ)
Small total capacitance
:CT =1.5 pF(Typ)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
250
V
Reverse voltage
VR
200
V
Average forward current *
IO
100
mA
Maximum (peak) forward current *
IFM
300
mA
Surge current (10 ms) *
IFSM
2A
Power dissipation
P
150
mW
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55 + 125
* Unit rating.Total rating = Unit rating X1.5
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VF(1)
IF = 1 mA
0.72
1.0
VF(2)
IF = 100mA
0.9
1.2
IR(1)
VR =50V
0.1
IR(2)
VR = 200 V
1.0
Total capacitance
Ct
VR =0,f=1.0 MHz
1.5
3.0
pF
Reverse recovery time
trr
30
60
ns
V
Forward voltage
Reverse current
A
Marking
Marking
A3


Similar Part No. - 1SS306

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS306 TOSHIBA-1SS306 Datasheet
130Kb / 2P
DIODE (HIGH VOLTAGE, HIGH SPEED SWITCHING APLICATIONS)
07-May-1997
1SS306 TOSHIBA-1SS306 Datasheet
223Kb / 3P
High Voltage, High Speed Switching Applications
1SS306 TOSHIBA-1SS306_07 Datasheet
223Kb / 3P
High Voltage, High Speed Switching Applications
1SS306 TOSHIBA-1SS306_15 Datasheet
490Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
More results

Similar Description - 1SS306

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com