Electronic Components Datasheet Search
  English  ▼

X  

TC4403EPA Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC4403EPA
Description  1.5A HIGH-SPEED, FLOATING LOAD DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4403EPA Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC4403EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4403EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4403EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4403EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4403EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4-213
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC4403
APPLICATIONS
s
Isolated Load Drivers
s
Pulsers
s
Safety Interlocks
ORDERING INFORMATION
Temperature
Part No.
Package
Range
TC4403CPA
8-Pin PDIP
0
°C to 70°C
TC4403EPA
8-Pin PDIP
– 40
°C to +85°C
TC4403MJA
8-Pin CerDIP
– 55
°C to +125°C
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
(TOP VIEW)
18
27
36
45
TC4403
OUT (GND)
IN (GND)
GND
IN (VDD)
VDD
OUT (VDD)
NC
NC
FEATURES
s
Low Quiescent Current ......................... 300
µA Max
s
Capacitive Inputs With 300mV Hysteresis
s
Both Inputs Must Be Driven to Drive Load
s
Low Output Leakage
s
High Peak Current Capability
s
Fast Output Rise Time
s
Outputs Individually Testable
GENERAL DESCRIPTION
The TC4403 is a modified version of the TC4425 driver,
intended to drive floating or isolated loads requiring high-
current pulses. The load is intended to be connected be-
tween the outputs without other reference to supply or
ground. Then, only when both logic inputs and the VDD input
are energized, is power supplied to the load. This construc-
tion allows the implementation of a wide variety of redundant
input controllers.
The low OFF-state output leakage and independence of
the two half-circuits permit a wide variety of testing schemes
to be utilized to assure functionality. The high peak current
capability, short internal delays, and fast output rise and fall
times ensure that sufficient power will be available to the
load when it is needed. The TTL and CMOS compatible
inputs allow operation from a wide variety of input devices.
The ability to swing the inputs negative without affecting
device performance allows negative biases to be placed on
the inputs for greater safety. In addition, the capacitive
nature of the inputs allows the use of series resistors on the
inputs for extra noise suppression.
The TC4403 is built for outstanding ruggedness and
reliability in harsh applications. Input voltage excursions
above the supply voltage or below ground are clamped
internally without damaging the device. The output stages
are power MOSFETs with high-speed body diodes to pre-
vent damage to the driver from inductive kickbacks.
1.5A HIGH-SPEED, FLOATING LOAD DRIVER
TC4403
300mV INPUT
HYSTERESIS
EFFECTIVE INPUT
C = 20pF
(EACH INPUT)
GND
IN (VDD)
IN (GND)
4
2
3
OUT (VDD)
OUT (GND)
VDD
6
7
5
TC4403-6 10/11/96


Similar Part No. - TC4403EPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4403EPA MICROCHIP-TC4403EPA Datasheet
505Kb / 14P
1.5A High-Speed, Floating Load Driver
2002
TC4403EPA MICROCHIP-TC4403EPA Datasheet
283Kb / 16P
1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
More results

Similar Description - TC4403EPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4403 MICROCHIP-TC4403 Datasheet
505Kb / 14P
1.5A High-Speed, Floating Load Driver
2002
logo
List of Unclassifed Man...
SG1629 ETC1-SG1629 Datasheet
254Kb / 4P
HIGH CURRENT FLOATING SWITCH DRIVER
logo
Microchip Technology
TC4431 MICROCHIP-TC4431_03 Datasheet
334Kb / 17P
1.5A High-Speed 30V MOSFET Drivers
2003
logo
Micrel Semiconductor
MIC59150 MICREL-MIC59150 Datasheet
277Kb / 12P
Ultra High Speed 1.5A LDO
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415 Datasheet
337Kb / 20P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Cypress Semiconductor
CY8CLED04D01_1105 CYPRESS-CY8CLED04D01_1105 Datasheet
1Mb / 55P
PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
logo
Microchip Technology
TC4403 MICROCHIP-TC4403_13 Datasheet
283Kb / 16P
1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
logo
Molex Electronics Ltd.
62202-0222 MOLEX11-62202-0222 Datasheet
36Kb / 1P
Floating High-Speed Docking Header Insertion Tool
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_16 Datasheet
743Kb / 17P
Tiny 1.5A, High-Speed Power MOSFET Driver
07/14/15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com