Electronic Components Datasheet Search
  English  ▼

X  

TC4420 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC4420
Description  6A HIGH-SPEED MOSFET DRIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4420 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC4420 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4420 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4420 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4420 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4420 Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4-227
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
6A HIGH-SPEED MOSFET DRIVERS
TC4420
TC4429
ELECTRICAL CHARACTERISTICS:
Measured over operating temperature range with 4.5V
≤ VDD ≤ 18V,
unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1 High Input Voltage
2.4
—
—
V
VIL
Logic 0 Low Input Voltage
—
—
0.8
V
VIN (Max)
Input Voltage Range
– 5
—
VDD + 0.3
V
IIN
Input Current
0V
≤ VIN ≤ VDD
– 10
—
10
µA
Output
VOH
High Output Voltage
See Figure 1
VDD – 0.025
—
—
V
VOL
Low Output Voltage
See Figure 1
—
—
0.025
V
RO
Output Resistance, High
IOUT = 10 mA, VDD = 18V
—
3
5
Ω
RO
Output Resistance, Low
IOUT = 10 mA, VDD = 18V
—
2.3
5
Ω
Switching Time (Note 1)
tR
Rise Time
Figure 1, CL = 2500 pF
—
32
60
nsec
tF
Fall Time
Figure 1, CL = 2500 pF
—
34
60
nsec
tD1
Delay Time
Figure 1
—
50
100
nsec
tD2
Delay Time
Figure 1
—
65
100
nsec
Power Supply
IS
Power Supply Current
VIN = 3V
—
0.45
3
mA
VIN = 0V
—
60
400
µA
VDD
Operating Input Voltage
4.5
—
18
V
NOTE: 1. Switching times guaranteed by design.
Figure 1. Switching Time Test Circuit
INPUT: 100 kHz, square wave,
t
RISE = tFALL ≤ 10 nsec
INPUT
CL = 2500pF
OUTPUT
0.1
µF
0.1
µF
26
7
5
4
18
VDD = 18V
INPUT
90%
10%
+18V
OUTPUT
tD1
0V
0V
+5V
90%
10%
10%
90%
1
µF
tF
tD2
tR
TC4429



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com