Electronic Components Datasheet Search
  English  ▼

X  

BST51 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BST51
Description  NPN Darlington Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BST51 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BST51 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BST51 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
www.kexin.com.cn
SMD Type
Transistors
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
KST50
VBE=0;VCE=45V
50
nA
KST51
VBE=0;VCE=60V
50
nA
KST52
VBE=0;VCE=80V
50
nA
Emitter cutoff current
IEBO
VEB =4V, IC =0
50
nA
IC =150mA;VCE = 10 V
1000
IC =500 mA; VCE = 10V
2000
IC =500 mA;IB =0.5 mA
1.3
V
IC =500 mA;IB = 0.5mA;TJ=150
1.3
V
Base to emitte rsaturation voltage
VBE(sat)
IC =500 mA;IB=0.5mA
1.9
V
turn-on time
ton
ICon =500 mA;IBon = 0.5 mA;
400
ns
turn-off time
toff
IBoff = -0.5 mA
1500
ns
Transition frequency
fT
IC =500 mA;VCE = 5 V; f = 100 MHz
200
MHz
VCE(sat)
Parameter
hFE
DC current gain
ICES
Collector cutoff current
Collector-emitter saturation voltage
Marking
NO.
KST50
KST51
KST52
Marking
AS1
AS2
AS3
KST50; KST51; KST52
(BST50; BST51; BST52)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com