Electronic Components Datasheet Search
  English  ▼

X  

BST52 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BST52
Description  NPN Darlington Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BST52 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BST52 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BST52 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
1.80+0.1
-0.1
4.50+0.1
-0.1
0.53+0.1
-0.1
0.48+0.1
-0.1
1.50+0.1
-0.1
0.44+0.1
-0.1
3.00+0.1
-0.1
SOT-89
Unit: mm
1. Base
2. Collector
3. Emiitter
www.kexin.com.cn
NPN Darlington Transistors
KST50; KST51; KST52
(BST50; BST51; BST52)
Features
High current (max. 0.5 A)
Low voltage (max. 80 V)
Integrated diode and resistor.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
KST50
60
V
KST51
80
V
KST52
90
V
KST50
45
V
KST51
60
V
KST52
80
V
Emitter-base voltage
VEBO
5V
Collector current (DC)
IC
0.5
A
Peak collector current
ICM
1.5
A
base current
IB
100
mA
Power dissipation Tamb
25
*
PD
1.3
W
Thermal resistance from junction to ambient *
Rth(j-a)
96
K/W
Thermal resistance from junction to solder point
Rth(j-s)
16
K/W
Junction temperature
Tj
150
Storage temperature
Tstg
-65 to +150
* Device mounted on a printed-circuit board, single sided copper, tinplated,
mounting pad for collector 6 cm
2.
VCBO
Collector-base voltage
VCEO
Collector-emitter voltage


Similar Part No. - BST52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BST52 PHILIPS-BST52 Datasheet
46Kb / 8P
NPN Darlington transistors
1999 Apr 26
logo
Zetex Semiconductors
BST52 ZETEX-BST52 Datasheet
16Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTOR
logo
NXP Semiconductors
BST52 NXP-BST52 Datasheet
130Kb / 8P
NPN Darlington transistors
2004 Dec 09
logo
Shenzhen Jin Yu Semicon...
BST52 HTSEMI-BST52 Datasheet
294Kb / 1P
TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
BST52 JIANGSU-BST52 Datasheet
134Kb / 1P
Plastic-Encapsulate Transistors
More results

Similar Description - BST52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPSA26 PHILIPS-MPSA26 Datasheet
43Kb / 8P
NPN Darlington transistors
1999 Apr 27
PMBTA13 PHILIPS-PMBTA13 Datasheet
55Kb / 8P
NPN Darlington transistors
1999 Apr 29
logo
Microsemi Corporation
PTC401P MICROSEMI-PTC401P Datasheet
344Kb / 3P
NPN Darlington Transistors
logo
SEMTECH ELECTRONICS LTD...
BCV27 SEMTECH_ELEC-BCV27 Datasheet
131Kb / 2P
NPN Darlington Transistors
logo
NXP Semiconductors
BCV29 NXP-BCV29 Datasheet
124Kb / 8P
NPN Darlington transistors
2004 Dec 06
BSP50 NXP-BSP50 Datasheet
126Kb / 7P
NPN Darlington transistors
1999 Apr 23
BCV29 PHILIPS-BCV29_15 Datasheet
124Kb / 8P
NPN Darlington transistors
2004 Dec 06
logo
SHIKUES Electronics
BCV47 SKTECHNOLGY-BCV47 Datasheet
916Kb / 2P
NPN Darlington Transistors
logo
Nexperia B.V. All right...
BST50 NEXPERIA-BST50 Datasheet
329Kb / 9P
NPN Darlington transistors
2004 Dec 09
BCV29 NEXPERIA-BCV29_49 Datasheet
123Kb / 8P
NPN Darlington transistors
2004 Dec 06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com