Electronic Components Datasheet Search
  English  ▼

X  

KC846 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KC846
Description  NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KC846 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KC846 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KC846 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KC846 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
SMD Type
Diodes
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
KC846
80
KC847
50
KC848
30
KC846
65
KC847
45
KC848
30
Emitter-base Breakdown voltage
VEBO
IE =10ìA,IC =0
6
V
KC846
VCB =70V,IE =0
KC847
VCB =50V,IE =0
KC848
VCB =30 V , IE =0
KC846
VCE = 70V , IB =0
KC847
VCE = 50V , IB =0
KC848
VCE = 30V , IB =0
Emitter-base cutoff current
IEBO
VEB =5V,IC =0
0.1
A
KC846A,847A,848A
110
220
KC846B,847B,848B
200
450
KC847C,848C
420
800
Collector-emitter saturation voltage
VCE(sat) IC = 100 mA , IB =5mA
0.5
V
Base-emitter saturation voltage
VBE(sat) IC = 100 mA , IB =5mA
1.1
V
Collector output capacitance
Cob
VCB=10V,f=1MHz
4.5
pF
Transition frequency
fT
VCE =5V, IC =10 mA, f=
100 MHz
100
MHz
VCE =5V,IC =2mA
hFE
DC current gain
V
Collector-emitter cutoff current
V
IC =10ìA,IE =0
0.1
0.1
A
A
IC = 10mA , IB =0
VCBO
VCEO
ICBO
ICEO
Parameter
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Collector-base cutoff current
Marking
NO.
KC846A
KC846B
Marking
1A
1B
NO.
KC847A
KC847B
KC847C
Marking
1E
1F
1G
NO.
KC848A
KC848B
KC848C
Marking
1J
1K
1L
KC846A,B/KC847A,B,C/KC848A,B,C
(BC846A,B/BC847A,B,C/BC848A,B,C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com