Electronic Components Datasheet Search
  English  ▼

X  

KC847 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KC847
Description  NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KC847 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KC847 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KC847 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KC847 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Features
Ideally suited for automatic insertion
For Switching and AF Amplifier Applications
Absolute Maximum Ratings Ta = 25
Symbol
Rating
Unit
KC846
80
KC847
50
KC848
30
KC846
65
KC847
45
KC848
30
Emitter-Base Voltage
VEBO
6V
Collector Current -Continuous
IC
0.1
A
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
Storage Temperature
Tstg
-65to+150
Parameter
V
V
VCBO
VCEO
Collector-Base Voltage
Collector-Emitter Voltage
NPN Transistor
KC846A,B/KC847A,B,C/KC848A,B,C
(BC846A,B/BC847A,B,C/BC848A,B,C)


Similar Part No. - KC847

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KC847AT KEXIN-KC847AT Datasheet
39Kb / 1P
NPN General Purpose Transistors
KC847BT KEXIN-KC847BT Datasheet
39Kb / 1P
NPN General Purpose Transistors
KC847CT KEXIN-KC847CT Datasheet
39Kb / 1P
NPN General Purpose Transistors
KC847S KEXIN-KC847S Datasheet
42Kb / 1P
NPN Multi-Chip General Purpose Amplifier
KC847T KEXIN-KC847T Datasheet
39Kb / 1P
NPN General Purpose Transistors
More results

Similar Description - KC847

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com