Electronic Components Datasheet Search
  English  ▼

X  

2SC4272 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4272
Description  NPN Epitaxial Planar Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4272 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4272 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4272 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
27MHz CB Transceiver Driver Applications
2SC4272
Features
Small Size Making It Easy To Provide High-Density,
Small-Sized Hybrid ICs.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB =40V , IE =0
1.0
A
Emitter Cut-off Current
IEBO
VEB =4V , IC =0
1.0
A
Collector-Base Breakdown Voltage
V(BR)CBO IC = 10uA , IE =0
75
V
Collector-Emitter Breakdown Voltage
V(BR)CEO IC =1mA , RBE =
45
V
Emitter-Base Breakdown Voltage
V(BR)EBO IE =10uA , IC =0
5
V
DC Current Gain
hFE
VCE =5V , IC = 500mA
60
320
Collector-Emitter Saturation Voltage
VCE(sat) IC = 500mA , IB = 50mA
0.2
0.6
V
Base-Emitter Saturation Voltage
VBE(sat) IC = 500mA , IB = 50mA
0.9
1.2
V
Gain-Bandwidth Product
fT
VCE =10V , IC = 50mA
180
250
MHz
Collector Output Capacitance
Cob
VCB = 10V , f = 1MHz
15
pF
Output Power
PO
VCC = 12V , f = 27MHz , Pin = 35mW
1.0
1.8
W
Collector Efficiency
c
See Test Circuit.
60
%
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
75
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5V
Collector Current
IC
1.0
A
Collector Current (Pulse)
ICP
1.5
A
Collector Power Dissipation
PC*
1.3
W
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
* Mounted on ceramic board (250 mm
2 x 0.8 mm)


Similar Part No. - 2SC4272

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4272 SANYO-2SC4272 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications
logo
MAKO SEMICONDUCTOR CO.,...
2SC4272 MAKOSEMI-2SC4272 Datasheet
112Kb / 2P
Small size making it easy to provide high-density,small-sized
logo
GUANGDONG HOTTECH INDUS...
2SC4272 HOTTECH-2SC4272 Datasheet
184Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC4272 BILIN-2SC4272 Datasheet
205Kb / 3P
NPN Epitaxial Planar Silicon Transistor
Rev.A
logo
Foshan Blue Rocket Elec...
2SC4272 FOSHAN-2SC4272 Datasheet
991Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
More results

Similar Description - 2SC4272

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com