Electronic Components Datasheet Search
  English  ▼

X  

TC4423 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC4423
Description  3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4423 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC4423 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4423 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4423 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4423 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4423 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4423 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4423 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-240
TELCOM SEMICONDUCTOR, INC.
3A DUAL HIGH-SPEED
POWER MOSFET DRIVERS
TC4423
TC4424
TC4425
TYPICAL CHARACTERISTICS
46
8
10
12
14
16
18
VDD
2200 pF
100
1000
10,000
C
(pF)
LOAD
5V
10V
15V
100
80
60
40
20
0
100
80
60
40
20
0
100
1000
10,000
5V
10V
15V
100
80
60
40
20
0
CLOAD (pF)
1000 pF
3300 pF
1500 pF
Rise TIme vs. Capacitive Load
Rise Time vs. Supply Voltage
Fall TIme vs. Capacitive Load
Rise and Fall Times vs. Temperature
TA (°C)
Propagation Delay vs. Input Amplitude
32
30
28
26
24
22
20
18
–55 –35
5
25
45
65
85
105 125
–15
100
80
60
40
20
INPUT (V)
V
= 10V
DD
C
= 2200 pF
LOAD
t RISE
t FALL
t RISE
C
= 2200 pF
LOAD
0123456789
10 11 12
t D2
t D1
t FALL
46
8
10
12
14
16
18
Fall Time vs. Supply Voltage
100
80
60
40
20
0
VDD
1000 pF
1500 pF
4700 pF
470 pF
4700 pF
3300 pF
2200 pF
470 pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com