Electronic Components Datasheet Search
  English  ▼

X  

LT1947 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1947
Description  Adjustable Output TFT-LCD Triple Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1947 Datasheet(HTML) 3 Page - Linear Technology

  LT1947 Datasheet HTML 1Page - Linear Technology LT1947 Datasheet HTML 2Page - Linear Technology LT1947 Datasheet HTML 3Page - Linear Technology LT1947 Datasheet HTML 4Page - Linear Technology LT1947 Datasheet HTML 5Page - Linear Technology LT1947 Datasheet HTML 6Page - Linear Technology LT1947 Datasheet HTML 7Page - Linear Technology LT1947 Datasheet HTML 8Page - Linear Technology LT1947 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT1947
3
1947fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1947 is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VSHDN = 3.3V unless otherwise specified.
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier Voltage Gain
EA1 and EA2
100
V/V
CT Current Source
VFB1 = 1.3V
4
5.5
6.5
µA
CT Threshold to Turn On Q3
1.25
1.28
1.30
V
FB1 Voltage to Begin CT Charge
1.17
1.2
1.23
V
SW1 Current Limit
(Note 3)
1.1
1.4
2
A
SW2 Current Limit
(Note 3)
0.35
0.6
1
A
SW1 Saturation Voltage
ISW1 = 800mA
0.230
0.280
V
SW2 Saturation Voltage
ISW2 = 300mA
0.3
0.36
V
SW1 Maximum Duty Cycle
82
%
SW2 Maximum Duty Cycle
85
%
Oscillator Frequency
●
2.3
3
3.5
MHz
VON Switch Drop
IQ3 = 7mA
160
200
mV
SW1 Leakage Current
Switch Off, SW1 = 3.3V
0.01
5
µA
SW2 Leakage Current
Switch Off, SW2 = 3.3V
0.01
5
µA
SHDN Pin Bias Current
VSHDN = 2.4V
10
25
µA
SHDN Pin High
Active Mode
2.4
V
SHDN Pin Low
Shutdown Mode
0.4
V
ELECTRICAL CHARACTERISTICS
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Switch current limit guaranteed by design and/or correlation to
static tests.
3.3V TFT-LCD Converter Efficiency
AVDD LOAD CURRENT (mA)
0
35
40
50
55
60
85
70
50
100
125
1947 G01
45
75
80
65
25
75
150 175
200
VIN = 2.7V
VIN = 3.3V
VIN = 3V
Supply Current
CT Current Source
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
12
10
8
6
4
1947 G02
SHDN = 2.4V
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
–2
–4
–6
–8
–10
1947 G03
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com