Electronic Components Datasheet Search
  English  ▼

X  

2PB709A Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2PB709A
Description  SILICON SWICHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2PB709A Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2PB709A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2PB709A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
hFE Classification
TYPE
2PB709AQ
2PB709AR
2PB709AS
Marking
BQ
BR
BS
2PB709A
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Max
Unit
IE =0; VCB = -45 V
-10
nA
IE
=0; VCB =-45 V; Tj =150
-5
ìA
Emitter cut-off current
IEBO
IC =0; VEB =-5V
-10
nA
DC current gain
2PB709AQ
160
260
2PB709AR
210
340
2PB709AS
290
460
Collector-emitter saturation voltage
VCE(sat) IC = -100 mA; IB = -10 mA *
-500
mV
Collector capacitance
Cc
IE =ie =0; VCB = -10 V;f= 1 MHz
5
pF
Transition frequency
2PB709AQ
60
2PB709AR
70
2PB709AS
80
* Pulse test: tp
300 ìs; ä
0.02.
Collector cut-off current
hFE
IC =-2mA; VCE =-10 V
fT
IC =-1mA; VCE = -10 V; f = 100 MHz
MHz
ICBO



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com