Electronic Components Datasheet Search
  English  ▼

X  

2PD601A Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2PD601A
Description  NPN General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2PD601A Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2PD601A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2PD601A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
2PD601A
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
IE =0; VCB = 60 V
10
nA
IE =0; VCB =60V; Tj = 150
5ìA
Emitter cut-off current
IEBO
IC =0; VEB =5V
10
nA
DC current gain
2PD601AQ
160
260
2PD601AR
210
340
2PD601AS
290
460
DC current gain
hFE
IC = 100 mA; VCE =2V;
90
Collector-emitter saturation voltage
VCEsat
IC = 100 mA; IB = 10 mA; *
500
mV
Collector capacitance
Cc
IE =ie=0; VCB =10V; f = 1MHz
3.5
pF
Transition frequency
2PD601AQ
100
2PD601AR
120
2PD601AS
140
* Pulse test: tp
300 ìs; ä
0.02.
fT
IC =2mA; VCE = 10 V; f = 100 MHz *
MHz
ICBO
Collector cut-off current
hFE
IC =2mA; VCE =10V; *
Marking
Type Number
2PD601AQ
2PD601AR
2PD601AS
Marking
ZQ
ZR
ZS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com