Electronic Components Datasheet Search
  English  ▼

X  

2SC4104 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4104
Description  NPN Epitaxial Planar Silicon Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4104 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4104 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Epitaxial Planar Silicon Transistor
2SC4104
Features
High fT.
Small reverse transfer capacitance.
Adoption of FBET process.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
70
V
Collector-emitter voltage
VCEO
60
V
Emitter-base voltage
VEBO
4V
Collector current
IC
50
mA
Collector current (pulse)
Icp
100
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = 40V, IE=0
0.1
ìA
Emitter cutoff current
IEBO
VEB =3V, IC=0
1.0
ìA
DC current gain
hFE
VCE = 10V , IC = 10mA
60
270
Gain bandwidth product
fT
VCE = 10V , IC = 10mA
350
700
MHz
Base-collector time constant
rbb,cc
VCE = 10V , IC = 10mA
8
ps
Output capacitance
Cob
VCB = 10V , f = 1.0MHz
1.3
pF
Reverse transfer capacitance
Cre
VCB = 10V , f = 1.0MHz
1.0
pF
Collector-emitter saturation voltage
VCE(sat) IC = 20mA , IB =2mA
0.5
V
Base-emitter saturation voltage
VBE(sat) IC = 20mA , IB =2mA
1.0
V
Collector-base breakdown voltage
V(BR)CBO IC = 10ìA , IE =0
70
V
Collector-emitter breakdown voltage
V(BR)CEO IC =1mA , RBE =
60
V
Emitter-base breakdown voltage
V(BR)EBO IE = 10ìA , IC =0
4
V
hFE Classification
Marking
Rank
3
4
5
hFE
60 120
90 180
135 270
YY


Similar Part No. - 2SC4104

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4104 SANYO-2SC4104 Datasheet
43Kb / 2P
High-Definition CRT Display Applications?
2SC4104 SANYO-2SC4104 Datasheet
183Kb / 3P
Transistors for TV Display Video Output Use
logo
Guangdong Kexin Industr...
2SC4104-3 KEXIN-2SC4104-3 Datasheet
407Kb / 1P
NPN Transistors
2SC4104-HF KEXIN-2SC4104-HF Datasheet
385Kb / 1P
NPN Transistors
2SC4104-HF-3 KEXIN-2SC4104-HF-3 Datasheet
422Kb / 1P
NPN Transistors
More results

Similar Description - 2SC4104

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com