Electronic Components Datasheet Search
  English  ▼

X  

2SC4695 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4695
Description  NPN Epitaxial Planar Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4695 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4695 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4695 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =40V, IE=0
0.1
ìA
Emitter cutoff current
IEBO
VEB =20V, IC=0
0.1
ìA
DC current gain
hFE
VCE =5V , IC = 10mA
300
1200
Gain bandwidth product
fT
VCE =10V , IC = 10mA
250
MHz
Output capacitance
Cob
VCB = 10V , f = 1.0MHz
3.6
pF
Collector-emitter saturation voltage
VCE(sat) IC =100mA , IB = 2mA
0.12
0.5
V
Base-emitter saturation voltage
VBE(sat) IC =100mV , IB = 2mA
0.85
1.2
V
Collector-base breakdown voltage
V(BR)CBO IC =10ìA , IE =0
50
V
Collector-emitter breakdown voltage
V(BR)CEO IC =1mA , RBE =
20
V
Emitter-base breakdown voltage
V(BR)EBO IE =10ìA , IC =0
25
V
Turn-on time
ton
135
ns
Storage time
tstg
450
ns
Fall time
tf
100
ns
Marking
Marking
WT
2SC4695



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com