Electronic Components Datasheet Search
  English  ▼

X  

TC4431 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC4431
Description  1.5A HIGH-SPEED 30V MOSFET DRIVERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4431 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC4431 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4431 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4431 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4431 Datasheet HTML 4Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-257
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
1.5A HIGH-SPEED 30V MOSFET DRIVERS
FEATURES
s
High Peak Output Current ............................... 1.5A
s
Wide Operating Range ............................. 5V to 30V
s
High Capacitive Load
Drive Capability ......................... 1000 pF in 25nsec
s
Short Delay Time ................................ <78nsec Typ
s
Low Supply Current
— With Logic “1” Input ................................. 2.5mA
— With Logic “0” Input ................................. 300
µA
s
Low Output Impedance ....................................... 7
Ω
s
Latch-Up Protected .......... Will Withstand >300mA
Reverse Current
s
ESD Protected .................................................... 4 kV
TC4431
TC4432
GENERAL DESCRIPTION
The TC4431/4432 are 30V CMOS buffer/drivers suit-
able for use in high-side driver applications. They will not
latch up under any conditions within their power and voltage
ratings. They can accept, without damage or logic upset, up
to 300mA of reverse current (of either polarity) being forced
back into their outputs. All terminals are fully protected
against up to 4kV of electrostatic discharge.
Under-voltage lockout circuitry forces the output to a
"low" state when the input supply voltage drops below 7V.
Maximum startup VDD bias voltage threshold is 10V. For
operation at lower voltages, the LOCK DIS, Pin 3 can be
grounded to disable the lockout and start-up circuit. The
under-voltage lockout and start-up circuit gives brown out
protection when driving MOSFETS.
ORDERING INFORMATION
Temperature
Part No.
Package
Range
TC4431COA
8-Pin SOIC
0
°C to +70°C
TC4431CPA
8-Pin Plastic DIP
0
°C to +70°C
TC4431EJA
8-Pin CerDIP
– 40
°C to +85°C
TC4431EOA
8-Pin SOIC
– 40
°C to +85°C
TC4431EPA
8-Pin Plastic DIP
– 40
°C to +85°C
Temperature
Part No.
Package
Range
TC4432COA
8-Pin SOIC
0
°C to +70°C
TC4432CPA
8-Pin Plastic DIP
0
°C to +70°C
TC4432EJA
8-Pin CerDIP
– 40
°C to +85°C
TC4432EOA
8-Pin SOIC
– 40
°C to +85°C
TC4432EPA
8-Pin Plastic DIP
– 40
°C to +85°C
FUNCTIONAL BLOCK DIAGRAM
2 mA
OUT
INPUT
GND
EFFECTIVE
INPUT
C = 10pF
VDD
TC4431/32
Inverting/Noninverting
OUT
UV LOCK
Inverted
TC4431
250mV
LOCK DIS.
3
2
4, 5
Non-Inverted
TC4432
6
7
8
TC4431/2-8 10/21/96


Similar Part No. - TC4431

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4431 MICROCHIP-TC4431 Datasheet
433Kb / 14P
1.5A High-Speed 30V MOSFET Drivers
2002
TC4431 MICROCHIP-TC4431 Datasheet
293Kb / 18P
1.5A High-Speed 30V MOSFET Drivers
10/05/07
TC4431CJA MICROCHIP-TC4431CJA Datasheet
334Kb / 17P
1.5A High-Speed 30V MOSFET Drivers
2003
TC4431COA MICROCHIP-TC4431COA Datasheet
433Kb / 14P
1.5A High-Speed 30V MOSFET Drivers
2002
TC4431COA MICROCHIP-TC4431COA Datasheet
334Kb / 17P
1.5A High-Speed 30V MOSFET Drivers
2003
More results

Similar Description - TC4431

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
logo
Microchip Technology
TC4431 MICROCHIP-TC4431 Datasheet
433Kb / 14P
1.5A High-Speed 30V MOSFET Drivers
2002
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4431 MICROCHIP-TC4431_03 Datasheet
334Kb / 17P
1.5A High-Speed 30V MOSFET Drivers
2003
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Microchip Technology
TC4432VOA MICROCHIP-TC4432VOA Datasheet
293Kb / 18P
1.5A High-Speed 30V MOSFET Drivers
10/05/07
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Calogic, LLC
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
1.5A Dual High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com