Electronic Components Datasheet Search
  English  ▼

X  

TC4467 Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TC4467
Description  LOGIC-INPUT CMOS QUAD DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4467 Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

  TC4467 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4467 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4467 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4467 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4467 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4467 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4467 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC4467 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC4467 Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
4-268
TELCOM SEMICONDUCTOR, INC.
SUPPLY CURRENT CHARACTERISTICS (Load on Single Output Only)
60
0
100
1000
10,000
C
(pF)
LOAD
50
40
30
20
10
2 MHz
1 MHz
500 kHz
200 kHz
20 kHz
V
= 18V
DD
Supply Current vs. Capacitive Load
60
0
100
1000
FREQUENCY (kHz)
50
40
30
20
10
V
= 18V
DD
2200 pF
1000 pF
100 pF
10
Supply Current vs. Frequency
10,000
60
0
100
1000
10,000
50
40
30
20
10
C
(pF)
LOAD
V
= 12V
DD
2 MHz
1 MHz
500 kHz
200 kHz
20 kHz
Supply Current vs. Capacitive Load
60
0
10
100
FREQUENCY (kHz)
50
40
30
20
10
1000
2200 pF
1000 pF
100 pF
V
= 12V
DD
Supply Current vs. Frequency
10,000
60
50
40
30
20
10
0
100
1000
10,000
C
(pF)
LOAD
1 MHz
500 kHz
200 kHz
20 kHz
2 MHz
V
= 6V
DD
Supply Current vs. Capacitive Load
60
0
10
1000
100
FREQUENCY (kHz)
50
40
30
20
10
V
= 6V
DD
2200 pF
1000 pF
100 pF
Supply Current vs. Frequency
10,000
LOGIC-INPUT CMOS
QUAD DRIVERS
TC4467
TC4468
TC4469



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com