Electronic Components Datasheet Search
  English  ▼

X  

BCX70 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCX70
Description  NPN General Purpose Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCX70 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCX70 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCX70 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
ICBO
IE =0; VCB = 45 V
20
nA
ICBO
IE =0; VCB =45V; Tj = 150
20
ìA
IEBO
IC =0; VEB =4V
20
nA
BCX70G
BCX70H
40
BCX70J
30
BCX70K
100
BCX70G
120
220
BCX70H
180
310
BCX70J
250
460
BCX70K
380
630
BCX70G
50
BCX70H
70
BCX70J
90
BCX70K
100
IC =10mA; IB =0.25 mA
50
350
mV
IC = 50mA; IB = 1.25 mA
100
550
mV
IC =10mA; IB =0.25 mA
600
850
mV
IC = 50mA; IB = 1.25 mA
700
1050
mV
VBE
IC =2mA; VCE = 5 V
550
650
750
mV
CC
IE =ie=0; VCB = 10 V;f= 1 MHz
1.7
pF
Ce
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
11
pF
fT
IC =10mA; VCE = 5 V; f = 100 MHz
100
250
MHz
NF
IC = 200 ìA; VCE =5V; RS =2kÙ;
f= 1 kHz;B= 200 Hz
26
dB
* Pulse test: tp
300 ìs; d
0.02.
IC =10ìA; VCE =5V
IC =50mA; VCE =1V
IC =2mA; VCE =5V
Collector-emitter saturation voltage
VCE(sat)
Parameter
Collector cutoff current
Emitter cutoff current
DC current gain
hFE
DC current gain
VBE(sat)
Base to emitter voltage
Collector capacitance
hFE
hFE
Transition frequency *
Noise figure
Emitter capacitance
Base to emitter saturation voltage
BCX70 series
hFE Classification
Type Number
BCX70G
BCX70H
BCX70J
BCX70K
Marking
AG
AH
AJ
AK



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com