Electronic Components Datasheet Search
  English  ▼

X  

2SB1132 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1132
Description  Medium Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1132 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1132 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1132 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1132 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Medium Power Transistor
2SB1132
Features
Low VCE(sat)
Compliments to 2SD1664
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-32
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
(DC)
-1
A
Single pulse, PW=100ms
-2
A
Collector Power Dissipation
PC *0.5
W
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
* mounted on a 40x40x0.7mm ceramic board.
IC
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB = -20V , IE =0
-0.5
ìA
Emitter Cut-off Current
IEBO
VEB =-4V , IC =0
-0.5
ìA
Collector-base Breakdown Voltage
V(BR)CBO IC = -50uA , IE =0
-40
V
Collector-emitter Breakdown Voltage
V(BR)CEO IC =-1mA , IB =0
-32
V
Emitter-Base Breakdown Voltage
V(BR)EBO IE = -50uA
-5
DC Current Gain
hFE
VCE =-3V , IC = -0.1A
82
390
Transition Frequency
fT
VCE =-5V , IE = 50mA , f = 30MHz
150
MHz
Collector Output Capacitance
Cob
VCB = -10V , IE =0, f =1MHz
20
30
pF
hFE Classification
Marking
Rank
P
Q
R
hFE
82
180
120
270
180
390
BA


Similar Part No. - 2SB1132

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
logo
Weitron Technology
2SB1132 WEITRON-2SB1132 Datasheet
348Kb / 5P
PNP Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SB1132 UTC-2SB1132 Datasheet
59Kb / 4P
MEDIUM POWER TRANSISTOR
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
79Kb / 5P
Medium Power Transistor (−32V,−1A)
logo
TRANSYS Electronics Lim...
2SB1132 TEL-2SB1132 Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
More results

Similar Description - 2SB1132

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
medium power transistor
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
Medium Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com