Electronic Components Datasheet Search
  English  ▼

X  

BCW89 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCW89
Description  PNP General Purpose Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCW89 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCW89 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCW89 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
ICBO
IE =0; VCB =-20 V
-100
nA
ICBO
IE =0; VCB =-20 V; Tj =100
-10
ìA
Emitter cutoff current
IEBO
IC =0; VEB = -5 V
-100
nA
IC =-10 ìA; VCE =-5V
90
IC =-2mA; VCE = -5 V
120
260
IC =-10 mA; IB = -0.5 mA
-80
-300
mV
IC =-50 mA; IB = -2.5 mA
-150
mV
IC =-10 mA; IB = -0.5 mA
-720
mV
IC =-50 mA; IB = -2.5 mA
-810
mV
Base to emitter voltage
VBE
IC =-2mA; VCE = -5 V
-600
-750
mV
Collector capacitance
CC
IE =ie=0; VCB = -10 V; f = 1 MHz
4.5
pF
Transition frequency
fT
IC =-10 mA; VCE =-5V; f = 100MHz
100
MHz
Noise figure
NF
IC = -200 ìA; VCE =-5V; RS =2kÙ;
f= 1 kHz;B= 200 Hz
10
dB
Collector cutoff current
Collector-emitter saturation voltage
Base to emitter saturation voltage
VBE(sat)
VCE(sat)
hFE
DC current gain
Marking
Marking
H3
BCW89



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com