Electronic Components Datasheet Search
  English  ▼

X  

TC520A Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC520A
Description  SERIAL INTERFACE ADAPTER FOR TC500 A/D CONVERTER FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC520A Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC520A Datasheet HTML 1Page - TelCom Semiconductor, Inc TC520A Datasheet HTML 2Page - TelCom Semiconductor, Inc TC520A Datasheet HTML 3Page - TelCom Semiconductor, Inc TC520A Datasheet HTML 4Page - TelCom Semiconductor, Inc TC520A Datasheet HTML 5Page - TelCom Semiconductor, Inc TC520A Datasheet HTML 6Page - TelCom Semiconductor, Inc TC520A Datasheet HTML 7Page - TelCom Semiconductor, Inc TC520A Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3-39
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC520A
TC520A-1 9/16/96
B
LOAD
CMPTR
CMPTR
DV
DGND
CE
VDD
A
DIN
OSCOUT
DCLK
OSCIN
DOUT
READ
1
14
213
312
411
510
69
78
TC520ACPD
8
1
14
2
13
3
12
4
11
5
10
6
9
7
TC520ACOE
DIN
B
15
16
LOAD
DV
DGND
CE
VDD
DCLK
A
DOUT
OSCOUT
READ
OSCIN
N/C
N/C
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
LOGIC
CONTROL
GATE
8-BIT COUNTER
÷256
8-BIT SHIFT REG.
÷4
GATE
7
SYSCLK
8
6
A
B
CMPTR
CE
DV
5
4
3
14
13
GATE
TIME OUT
FORCE AUTO-ZERO
POLARITY BIT
CLEAR COUNT
1
2
VDD
GND
16-BIT COUNTER
18-BIT SHIFT REGISTER
GATE
OVERRANGE
BIT
11
12
9
10
8
READ
DCLK
DOUT
LOAD
DIN
16
OSCIN
OSCOUT
Pin Out of
14-Pin Package
SERIAL INTERFACE ADAPTER FOR TC500 A/D CONVERTER FAMILY
FEATURES
s
Converts TC500/500A/510/514 to Serial Operation
s
Programmable Conversion Rate and Resolution
for Maximum Flexibility
s
Supports up to 17 Bits of Accuracy Plus
Polarity Bit
s
Low Power Operation: Typically 7.5mW
s
14-Pin DIP or 16-Pin SOIC Packages
s
Polled or Interrupt Mode Operation
ORDERING INFORMATION
Operating
Part No.
Package
Temp. Range
TC520ACOE
16-Pin SOIC (Wide)
0
°C to +70°C
TC520ACPD
14-Pin Plastic DIP
0
°C to +70°C
TC500EV
Evaluation Kit for TC500 Family
EVALUATION
KIT
AVAILABLE
GENERAL DESCRIPTION
The TC520A Serial Interface Adapter provides logic
control for TelCom's TC500/500A/510/514 family of dual
slope, integrating A/D converters. It directly manages TC500
converter phase control signals A, B, and CMPTR thereby
reducing host processor task loading and software complex-
ity. Communication with the TC520A is accomplished over
a 3 wire serial port. Key converter operating parameters are
programmable for complete user flexibility.
Data conversion initiated when the CE input is brought
low. The converted data (plus overrange and polarity bits)
are held in an 18 bit shift register until read by the processor,
or until the next conversion is completed. Data may be
clocked out of the TC520A at any time, and at any rate the
user prefers. A Data Valid (DV) output is driven active at the
start of each conversion cycle indicating the 18 bit shift
register update has just been completed. This signal may be
polled by the processor, or can be used as data ready
interrupt.
The TC520A timebase can be derived from an external
frequency source of up to 6MHz; or can operate from its own
external crystal. It requires a single 5V logic supply and
dissipates less than 7.5mW.


Similar Part No. - TC520A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC520A MICROCHIP-TC520A Datasheet
453Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2002
TC520ACOE MICROCHIP-TC520ACOE Datasheet
453Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2002
TC520ACOE MICROCHIP-TC520ACOE Datasheet
208Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2001-2012 11/29/12
TC520ACPD MICROCHIP-TC520ACPD Datasheet
453Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2002
TC520ACPD MICROCHIP-TC520ACPD Datasheet
208Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2001-2012 11/29/12
More results

Similar Description - TC520A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM7992B AMD-AM7992B Datasheet
224Kb / 27P
Serial Interface Adapter (SIA)
logo
Microchip Technology
TC520A MICROCHIP-TC520A Datasheet
453Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2002
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
logo
LANSDALE Semiconductor ...
ML145050 LANSDALE-ML145050 Datasheet
6Mb / 15P
10-Bit A/D Converter with Serial Interface - CMOS
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
10-Bit A/D Converter With Serial Interface CMOS
logo
Microchip Technology
TC520A MICROCHIP-TC520A_13 Datasheet
208Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2001-2012 11/29/12
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
10-Bit A/D Converter with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com