Electronic Components Datasheet Search
  English  ▼

X  

LT1963 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1963
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 1 Page - Linear Technology

  LT1963 Datasheet HTML 1Page - Linear Technology LT1963 Datasheet HTML 2Page - Linear Technology LT1963 Datasheet HTML 3Page - Linear Technology LT1963 Datasheet HTML 4Page - Linear Technology LT1963 Datasheet HTML 5Page - Linear Technology LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1963 Series
1963fc
TYPICAL APPLICATION
APPLICATIO S
FEATURES
DESCRIPTIO
1.5A, Low Noise,
Fast Transient Response
LDO Regulators
■ Optimized for Fast Transient Response
■ Output Current: 1.5A
■ Dropout Voltage: 340mV
■ Low Noise: 40
µVRMS (10Hz to 100kHz)
■ 1mA Quiescent Current
■ No Protection Diodes Needed
■ Controlled Quiescent Current in Dropout
■ Fixed Output Voltages: 1.5V, 1.8V, 2.5V, 3.3V
■ Adjustable Output from 1.21V to 20V
■ <1
µA Quiescent Current in Shutdown
■ Stable with 10
µF Output Capacitor
■ Reverse Battery Protection
■ No Reverse Current
■ Thermal Limiting
■ 5-Lead TO-220, DD, 3-Lead SOT-223, 8-Lead SO
and 16-Lead TSSOP Packages
The LT
®1963 series are low dropout regulators optimized
for fast transient response. The devices are capable of
supplying 1.5A of output current with a dropout voltage of
340mV. Operating quiescent current is 1mA, dropping to
<1
µA in shutdown. Quiescent current is well controlled; it
does not rise in dropout as it does with many other
regulators. In addition to fast transient response, the
LT1963 regulators have very low output noise which
makes them ideal for sensitive RF supply applications.
Output voltage range is from 1.21V to 20V. The LT1963
regulators are stable with output capacitors as low as
10
µF.Internalprotectioncircuitryincludesreversebattery
protection, current limiting, thermal limiting and reverse
current protection. The devices are available in fixed
output voltages of 1.5V, 1.8V, 2.5V, 3.3V and as an
adjustable device with a 1.21V reference voltage. The
LT1963 regulators are available in 5-lead TO-220, DD,
3-lead SOT-223, 8-lead SO, and Exposed Pad 16-lead
TSSOP packages.
3.3V to 2.5V Regulator
■ 3.3V to 2.5V Logic Power Supplies
■
Post Regulator for Switching Supplies
IN
SHDN
10
µF
1963 TA01
OUT
VIN > 3V
SENSE
GND
LT1963-2.5
2.5V
1.5A
10
µF
+
+
OUTPUT CURRENT (A)
0
200
300
1.6
1963 TA02
100
0
0.4
0.8
1.2
0.2
0.6
1.0
1.4
400
150
250
50
350
Dropout Voltage
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents,
including 6118263, 6144250.


Similar Part No. - LT1963

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
208Kb / 16P
1.1A, Low Noise, Low Dropout Linear Regulator
LT1963 LINER-LT1963 Datasheet
263Kb / 20P
3關A IQ, 20mA Low Dropout Linear Regulators
LT1963 LINER-LT1963 Datasheet
237Kb / 20P
3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT1963 LINER-LT1963 Datasheet
232Kb / 20P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results

Similar Description - LT1963

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com