Electronic Components Datasheet Search
  English  ▼

X  

2SD1619 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1619
Description  NPN Epitaxial Planar Silicon Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1619 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1619 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
NPN Epitaxial Planar Silicon Transistor
2SD1619
Features
Very small size making it easy to provide highdensity,
small-sized hybrid IC’
s.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =20V, IE=0
0.1
ìA
Emitter cutoff current
IEBO
VEB =4V, IC=0
0.1
ìA
DC current gain
hFE
VCE =2V , IC = 50 mA
100
560
Gain bandwidth product
fT
VCE =10V , IC = 50 mA
180
MHz
Output capacitance
Cob
VCB = 10 V , f = 1.0MHz
15
pF
Collector-emitter saturation voltage
VCE(sat) IC = 500 mA , IB =50mA
0.1
0.3
V
Base-emitter saturation voltage
VBE(sat) IC = 500 mA , IB = 50 mA
0.85
1.2
V
Collector-base breakdown voltage
V(BR)CBO IC = 10ìA , IE =0
25
V
Collector-emitter breakdown voltage
V(BR)CEO IC =1mA , RBE =
25
V
Emitter-base breakdown voltage
V(BR)EBO IE = 10ìA , IC =0
5
V
hFE Classification
Marking
Rank
R
S
T
U
hFE
100
200
140
280
200
400
280
560
DB
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
25
V
Collector-emitter voltage
VCEO
25
V
Emitter-base voltage
VEBO
5V
Collector current
IC
1A
Collector current (pulse)
ICP
2A
PC
500
mW
PC*
1.3
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
* Mounted on ceramic board(250mm2X0.8mm)
Collector dissipation


Similar Part No. - 2SD1619

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1619 SANYO-2SD1619 Datasheet
85Kb / 3P
LF Amp,Electronic Governor Applications
logo
SeCoS Halbleitertechnol...
2SD1619 SECOS-2SD1619 Datasheet
140Kb / 3P
PNP Silicon Medium Power Transistor
logo
Inchange Semiconductor ...
2SD1619 ISC-2SD1619 Datasheet
260Kb / 2P
isc Silicon NPN Power Transistor
logo
SHIKUES Electronics
2SD1619 SKTECHNOLGY-2SD1619 Datasheet
845Kb / 3P
Power dissipation, Collector base voltage
logo
Guangdong Kexin Industr...
2SD1619-R KEXIN-2SD1619-R Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SD1619

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com