Electronic Components Datasheet Search
  English  ▼

X  

2SD1997 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1997
Description  NPN Epitaxial Planar Silicon Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1997 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1997 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
NPN Epitaxial Planar Silicon Transistor
2SD1997
Features
Contains diode between collector and emitter.
Low saturation voltage.
Large current capacity.
Small-sized package making it easy to provide highdensity,
small-sized hybrid ICs.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
6V
Collector current
IC
3A
Collector current (pulse)
ICP
5A
Collector dissipation
PC
1.5
W
Jumction temperature
Tj
150
Storage temperature
Tstg
-55 to +150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
IcBO
VCB =30V , IE =0
1.0
ìA
VCE =2V , IC =0.5A
70
VCE =2V , IC =2A
50
Gain bandwidth product
fT
VCE =2V , IC = 0.5A
100
MHz
Output capacitance
Cob
VCB = 10V , f = 1MHz
40
pF
Collector-emitter saturation voltage
VCE(sat) IC =1A , IB = 50mA
0.12
0.3
V
Base-emitter on state voltage
VBE(ON) ICE =2V , IC =1A
1
2
5
V
Collector-to-base breakdown voltage
V(BR)CBO IC = 10ìA , IE =0
40
V
IC = 10ìA , RBE =
40
V
IC = 10mA , RBE =
3
Diode forward voltage
VF
IF = 0.5A
1.5
V
Base-emitter resistance
RBE
0.8
kÙ
Base resistance
R1
120
160
200
Ù
DC current Gain
hFE
Collector-to-emitter breakdown voltage
V(BR)CEO
Marking
Marking
DO


Similar Part No. - 2SD1997

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1997 SANYO-2SD1997 Datasheet
81Kb / 3P
Compact Motor Driver Applications
logo
Guangdong Kexin Industr...
2SD1997 KEXIN-2SD1997_15 Datasheet
1,020Kb / 2P
NPN Transistors
More results

Similar Description - 2SD1997

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com