Electronic Components Datasheet Search
  English  ▼

X  

BC868 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC868
Description  NPN Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC868 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC868 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC868 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =25V, IE = 0
100
nA
VCB =25V, IE =0; Tj=25
10
ìA
Emitter cutoff current
IEBO
VEB =5V, IC = 0
100
nA
DC current gain
IC =5mA; VCE =10V
50
BC868
IC =500 mA; VCE = 1 V
85
375
IC =1A; VCE =1V
60
BC868-25
hFE
IC =500 mA; VCE = 1 V
160
375
Collector-emitter saturation voltage
VCE(sat)
IC =1A; IB = 100 mA
500
mV
IC =5mA; VCE = 10 V
700
mV
IC =1A; VCE =1V
1
V
Collector capacitance
CC
IE =Ie=0; VCB =10V; f = 1MHz
22
pF
Transition frequency
fT
IC =50mA; VCE = 5 V; f = 100 MHz
40
170
MHz
VBE
Base to emitter voltage
hFE
hFE Classification
TYPE
BC868
BC868-25
Marking
CAC
CDC
BC868



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com