Electronic Components Datasheet Search
  English  ▼

X  

TC500ACPE Datasheet(PDF) 13 Page - TelCom Semiconductor, Inc

Part # TC500ACPE
Description  PRECISION ANALOG FRONT ENDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC500ACPE Datasheet(HTML) 13 Page - TelCom Semiconductor, Inc

Back Button TC500ACPE Datasheet HTML 9Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 10Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 11Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 12Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 13Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 14Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 15Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 16Page - TelCom Semiconductor, Inc TC500ACPE Datasheet HTML 17Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
3-31
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514
USING THE TC510/514
Negative Supply Voltage Converter (TC510, TC514)
A capacitive charge pump is employed to invert the
voltage on VDD for negative bias within the TC510/514. This
voltage is also available on the V
–
OUT pin to provide negative
bias elsewhere in the system. Two external capacitors are
required to perform the conversion.
Timing is generated by an internal state machine driven
from an on-board oscillator. During the first phase, capacitor
CF is switched across the power supply and charged to V
+
S.
This charge is transferred to capacitor C
–
OUT during the
second phase. The oscillator normally runs at 100kHz to
ensure minimum output ripple. This frequency can be re-
duced by placing a capacitor from OSC to VDD. The relation-
ship between the capacitor value is shown in the typical
characteristics curves at the end of this data sheet.
Analog Input Multiplexer (TC514)
The TC514 is equipped with a four input differential
analog multiplexer. Input channels are selected using select
inputs (A1, A0). These are high-true control signals
(i.e., channel 0 is selected when (A1, A0 = 00).
EVALUATION KIT (TC500EV)
The TC500EV consists of a pre-assembled, 4 inch by 6
inch printed circuit board that connects to the serial port of
any PC or dumb terminal. Design software is also included.
TC500EV helps reduce design time and optimize converter
performance. Please contact your local TelCom representa-
tive for more information.
Design Example
Given:
Required Resolution:
16 Bits (65,536 counts).
Maximum VIN:
±2V
Power Supply Voltage: +5V
60Hz System
Step 1: Pick integration time (tINT) as a multiple of the
line frequency:
1/60Hz = 16.6msec. Use 4x line frequency = 66msec
Step 2: Calculate RINT
RINT (in MΩ) = VINMAX/20 = 2/20 = 100kΩ
Step 3: Calculate CINT for maximum (4V) integrator
output swing:
CINT (in µF) = (tINT) (20 x 10 –6) / (VS – 0.9)
= (.066) (20 x 10 –6) / (4.1)
= .32
µF (use closest value: 0.33µF)
NOTE: TelCom recommended capacitor:
WIMA p/n: MK12 .33/63/10
Step 4: Choose CREF and CAZ based on conversion rate:
Conversions/sec
= 1/(tAZ + tINT + 2 tINT + 2msec)
= 1/(66msec + 66msec +132msec+2msec)
= 3.7 conversions/sec
From which CAZ = CREF = 0.22µF (see Table 1)
NOTE: TelCom recommended capacitor:
WIMA p/n: MK12 .22/63/10
Step 5: Calculate VREF
VREF (in Volts) = (VS – 0.9) (CINT) (RINT)
2(tINT)
= (4.1) (0.33 x 10
–6) (105) / 2(.066)
= 1.025V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com