Electronic Components Datasheet Search
  English  ▼

X  

TC620 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC620
Description  5V, DUAL TRIP POINT TEMPERATURE SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC620 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC620 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC620 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC620 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC620 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC620 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC620 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2-19
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC620
HIGH TEMP
1
2
3
4
8
7
6
5
LOW TEMP
+12V
MTP3055E
FAN MOTOR
TC621
HIGH TEMP
1
2
3
4
8
7
6
5
LOW TEMP
+12V
MTP3055E
FAN MOTOR
THERMISTOR
(NTC)
Figure 6.
TC620
2
3
1
5
6
7
+12V
VMOTOR
MOSFET
FAN MOTOR
50
Ω
HIGHER POWER OPTION
1N4148
1N4148
8
4
TC4469
2
1
3
5
8
13
4
6
9
10
11
12
14
1M
10k
100k
FAN MOTOR
50 pF
TEMPERATURE SCALE
7
LOW TEMP
30 C
°
HIGH TEMP
50 C
°
10 µF
0.1 µF
– 30 C (FAN OFF)
– 50 C (FAN LOW)
– UP (FAN HIGH)
°
°
1 µF
0 C
30 C
50 C
°
°
°
Figure 5.
Figure 7. TC620 Heating/Cooling Application
TC620
1
2
3
4
8
7
6
5
TC4469
1
2
3
4
5
6
7
14
13
12
11
10
9
8
HIGH
TEMP
WARNING
HEATING/COOLING
EQUIPMENT
1k
1k
LOW
TEMP
WARNING
4.5V TO 18V
HIGH
TEMP
LOW
TEMP
TC620
TC621
5V, DUAL TRIP POINT
TEMPERATURE SENSORS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com