Electronic Components Datasheet Search
  English  ▼

X  

BCX68 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCX68
Description  PNP General Purpose Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCX68 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BCX68 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCX68 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
PNP General Purpose Transistors
BCX68
1.80+0.1
-0.1
4.50+0.1
-0.1
0.53+0.1
-0.1
0.48+0.1
-0.1
1.50+0.1
-0.1
0.44+0.1
-0.1
3.00+0.1
-0.1
SOT-89
Unit: mm
1. Base
2. Collector
3. Emiitter
Features
High collector current.
High current gain.
Low collector-emitter saturation voltage.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
25
V
Emitter-base voltage
VEBO
5V
Collector current
IC
1A
Peak collector current
ICM
2A
Base current
IB
100
mA
Peak base current
IBM
200
mA
Total power dissipation
Ptot
1W
Junction temperature
Tj
150
Storage temperature
Tstg
-65to+150
Junction - soldering point
RthJS
20
K/W
www.kexin.com.cn


Similar Part No. - BCX68

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX68 ZETEX-BCX68 Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
NPN Silicon AF Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCX68 INFINEON-BCX68 Datasheet
45Kb / 4P
NPN Silicon AF Transistors
Jun-29-2001
logo
Zetex Semiconductors
BCX68 ZETEX-BCX68 Datasheet
1Mb / 3P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCX68-10 SIEMENS-BCX68-10 Datasheet
144Kb / 4P
NPN Silicon AF Transistors (For general AF applications High collector current)
More results

Similar Description - BCX68

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
BC557B PHILIPS-BC557B Datasheet
80Kb / 12P
PNP general purpose transistors
1997 Mar 27
logo
Pan Jit International I...
BC807 PANJIT-BC807 Datasheet
481Kb / 3P
PNP GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BCW67 KEXIN-BCW67 Datasheet
42Kb / 2P
PNP General Purpose Transistors
BCW69 KEXIN-BCW69 Datasheet
40Kb / 2P
PNP General Purpose Transistors
KC860W KEXIN-KC860W Datasheet
69Kb / 2P
PNP General Purpose Transistors
logo
Weitron Technology
2SB985 WEITRON-2SB985 Datasheet
214Kb / 5P
PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
PNP general purpose transistors
2002 Feb 04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com