Electronic Components Datasheet Search
  English  ▼

X  

BC846 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC846
Description  NPN General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC846 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC846 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC846 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
BC846,BC847,BC848
hFE Classification
TYPE
BC846
BC846A
BC846B
Marking
1D
1A
1B
TYPE
BC847
BC847A
BC847B
BC847C
Marking
1H
1E
1F
1G
TYPE
BC848
Marking
1K
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
ICBO
VCB =30V, IE = 0
15
nA
ICBO
VCB =30V, IE =0, Tj = 150
5ìA
IEBO
VEB =5V, IC = 0
100
nA
BC846
110
450
BC847
110
800
BC846A,BC847A
110
180
220
BC846B,BC847B,BC848B
200
290
450
BC847C
420
520
800
IC =10mA; IB = 0.5 mA
90
250
mV
IC = 100 mA; IB = 5 mA; *
200
600
mV
IC =10mA; IB = 0.5 mA
700
mV
IC = 100 mA; IB = 5 mA; *
900
mV
IC =2mA; VCE = 5 V
580
660
700
mV
IC =10mA; VCE = 5 V
770
mV
CC
VCB =10V; IE =Ie=0;f = 1MHz
2.5
pF
fT
VCE =5V; IC = 10 mA;f = 100 MHz
100
MHz
NF
IC = 200ìA; VCE =5V;RS =2kÙ;
f
= 1 kHz;B = 200 Hz
210
dB
* Pulse test: tp
300µs, ä
0.02.
Transition frequency
Parameter
DC current gain
hFE
Collector-emitter saturation voltage
VCE(sat)
Noise figure
IC =2mA; VCE =5V
Collector cutoff current
Collector capacitance
Emitter cutoff current
Base-emitter saturation voltage
VBE(sat)
VBE
Base-emitter voltage



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com