Electronic Components Datasheet Search
  English  ▼

X  

2SA1898 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1898
Description  PNP Epitaxial Planar Silicon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1898 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1898 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1898 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
PNP Epitaxial Planar Silicon
2SA1898
Features
Adoption of FBET and MBIT processes.
Large current capacity.
Low collector-to-emitter saturation voltage.
Fast switching speed.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-15
V
Collector-emitter voltage
VCEO
-15
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-3
A
Collector current (pulse)
ICP
-5
A
Base current
IB
-600
mA
Collector dissipation
PC
1.3
W
Jumction temperature
Tj
150
Storage temperature
Tstg
-55to+150


Similar Part No. - 2SA1898

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1898 SANYO-2SA1898 Datasheet
88Kb / 3P
DC/DC Converter
logo
Guangdong Kexin Industr...
2SA1898-R KEXIN-2SA1898-R Datasheet
1Mb / 3P
PNP Transistors
2SA1898-S KEXIN-2SA1898-S Datasheet
1Mb / 3P
PNP Transistors
2SA1898 KEXIN-2SA1898_15 Datasheet
1Mb / 3P
PNP Transistors
More results

Similar Description - 2SA1898

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA900 PANASONIC-2SA900 Datasheet
90Kb / 2P
SILICON PNP EPITAXIAL PLANAR
2SA887 PANASONIC-2SA887 Datasheet
121Kb / 3P
SILICON PNP EPITAXIAL PLANAR
logo
Sanken electric
2SA771 SANKEN-2SA771 Datasheet
236Kb / 2P
SILICON PNP EPITAXIAL PLANAR
2SA1205 SANKEN-2SA1205 Datasheet
211Kb / 2P
SILICON PNP EPITAXIAL PLANAR
2SA1489 SANKEN-2SA1489 Datasheet
200Kb / 2P
SILICON PNP EPITAXIAL PLANAR
2SA1670 SANKEN-2SA1670 Datasheet
203Kb / 2P
SILICON PNP EPITAXIAL PLANAR
logo
Guangdong Kexin Industr...
2SB1571 KEXIN-2SB1571 Datasheet
52Kb / 2P
Silicon PNP Epitaxial Planar
2SB1572 KEXIN-2SB1572 Datasheet
53Kb / 2P
Silicon PNP Epitaxial Planar
2SA1766 KEXIN-2SA1766 Datasheet
50Kb / 1P
PNP Epitaxial Planar Silicon
2SA1730 KEXIN-2SA1730 Datasheet
57Kb / 2P
PNP Epitaxial Planar Silicon
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com