Electronic Components Datasheet Search
  English  ▼

X  

2SA1900 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1900
Description  Medium power transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1900 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1900 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
Medium power transistor
2SA1900
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltae
BVCBO
IC = -50µA
-60
V
Collector-emitter breakdown voltage
BVCEO
IC = -1mA
-50
V
Emitter-base breakdown voltage
BVEBO
IE = -50µA
-5
V
Collector cutoff current
ICBO
VCB = -40V
-0.1
ìA
Emitter cutoff current
IEBO
VEB =-4V
-0.1
ìA
Collector-Emitter Saturation Voltage
VCE(sat) IC/IB = -500mA/-50mA
-0.4
V
DC current transfer ratio
hFE
VCE/IC = -3V/-0.5A
120
270
Transition frequency
fT
VCE =-5V , IE = 50mA , f=100MHz
150
MHz
Output Capacitance
Cob
VCB = -10V , IE = 0A , f=1MHz
20
pF
Marking
Marking
ALQ
Features
Low saturation voltage, typically VCE(sat) = ?0.15V at IC /
IB = ?500mA / ?50mA
PC=2W (on 40X40X0.7mm ceramic board)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-emitter Voltage
VCEO
-60
V
Collector-base Voltage
VCBO
-50
V
Emitter-base Voltage
VEBO
-5
V
-1
A
-2
A(Pulse) *1
0.5
W
2W *2
Jumction temperature
Tj
150
Storage temperature
Tstg
-55to+150
*1 Single pulse Pw=20ms, Duty=1/2
*2 When mounted on a 40X40X0.7mm seramic board.
Collector current
IC
Collector power dissipation
PC


Similar Part No. - 2SA1900

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1900 ROHM-2SA1900 Datasheet
66Kb / 3P
Medium Power Transistor (-50V, -1A)
logo
Inchange Semiconductor ...
2SA1900 ISC-2SA1900 Datasheet
278Kb / 3P
isc Silicon PNP Power Transistor
2023-8-17
logo
SEMTECH ELECTRONICS LTD...
2SA1900U SEMTECH_ELEC-2SA1900U Datasheet
253Kb / 3P
PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SA1900

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
medium power transistor
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
Medium Power Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com