Electronic Components Datasheet Search
  English  ▼

X  

LT1964IDDPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT1964IDDPBF
Description  200mA, Low Noise,Low Dropout Negative Micropower Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964IDDPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1964IDDPBF Datasheet HTML 2Page - Linear Technology LT1964IDDPBF Datasheet HTML 3Page - Linear Technology LT1964IDDPBF Datasheet HTML 4Page - Linear Technology LT1964IDDPBF Datasheet HTML 5Page - Linear Technology LT1964IDDPBF Datasheet HTML 6Page - Linear Technology LT1964IDDPBF Datasheet HTML 7Page - Linear Technology LT1964IDDPBF Datasheet HTML 8Page - Linear Technology LT1964IDDPBF Datasheet HTML 9Page - Linear Technology LT1964IDDPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1964
6
1964fb
TYPICAL PERFORMANCE CHARACTERISTICS
SHDN Pin Input Current
SHDN Pin Input Current
ADJ Pin Bias Current
LT1964 GND Pin Current
GND Pin Current vs ILOAD
SHDN Pin Thresholds
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
1964 G10
0
–1 –2 –3 –4 –5 –6 –7 –8 –9 –10
RL = 12.2Ω
IL = –100mA*
RL = 24.4Ω
IL = –50mA*
RL = 122Ω
IL = –10mA*
TJ = 25°C; VSHDN = VIN; *FOR VOUT = –1.22V
RL = 6.1Ω
IL = –200mA*
INPUT VOLTAGE (V)
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
1964 G11
0
–40
–80
–120
–160
–200
VIN = VOUT(NOMINAL) – 1V
TJ = –50°C
TJ = 25°C
TJ = 125°C
OUTPUT CURRENT (mA)
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
1964 G12
ON
ON
OFF
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
10
8
6
4
2
0
–2
–4
–6
–8
–10
1964 G13
SHDN PIN VOLTAGE (V)
–10 –8 –6 –4 –2
0
2
4
6
810
TJ = 25°C
POSITIVE CURRENT
FLOWS INTO THE PIN
12
9
6
3
0
–3
–6
–9
1964 G14
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
VSHDN = 15V
VSHDN = –15V
VIN = –15V
POSITIVE CURRENT
FLOWS INTO THE PIN
–70
–60
–50
–40
–30
–20
–10
0
1964 G15
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com