Electronic Components Datasheet Search
  English  ▼

X  

TC660 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC660
Description  100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC660 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC660 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC660 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC660 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC660 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC660 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC660 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC660 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC660 Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-5
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC660
100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
FEATURES
s
Pin Compatible with TC7660
s
High Output Current ..................................... 100mA
s
Converts (+1.5V to 5.5V) to (– 1.5V to – 5.5V)
s
Power Efficiency @100mA ......................... 88% typ
s
Low Power Consumption ................ 200
µA @ 5 VIN
s
Low Cost and Easy to Use
— Only Two External Capacitors Required
s
Selectable Oscillator Frequency ....... 10kHz/90kHz
s
ESD Protection ................................................... 4kV
APPLICATIONS
s
Laptop Computers
s
µP Based Controllers
s
Process Instrumentation
s
Automotive Instruments
GENERAL DESCRIPTION
The TC660 DC-to-DC voltage converter generates a
negative voltage supply, that can support a 100mA maxi-
mum load, from a positive voltage input of 1.5V to 5.5V. Only
two external capacitors are required.
Power supply voltage is stored on an undedicated
capacitor then inverted and transferred to an output reser-
voir capacitor. The on-board oscillator normally runs at a
frequency of 10kHz with V
+ at 5V. This frequency can be
lowered by the addition of an external capacitor from OSC
(pin 7) to ground, or raised to 90kHz by connecting the
frequency control pin (FC) to V
+, in order to optimize capaci-
tor size, quiescent current, and output voltage ripple
frequency. Operation using input voltage between 1.5V and
3.0V is accommodated by grounding the LV input (pin 6).
Operation at higher input voltages (3.0V to 5.5V) is accom-
plished by leaving LV open.
The TC660 open circuit output voltage is within 0.1% of
the input voltage with the output open-circuited. Power
conversion efficiency is 98% when output load is between
2mA and 5mA.
1
2
3
4
8
7
6
5
TC660CPA
TC660EPA
FC
CAP +
GND
CAP –
VOUT
LV
OSC
+
V
1
2
3
4
8
7
6
5
TC660COA
TC660EOA
FC
CAP +
GND
CAP –
VOUT
LV
OSC
+
V
TC660
GND
INTERNAL
VOLTAGE
REGULATOR
RC
OSCILLATOR
VOLTAGE–
LEVEL
TRANSLATOR
÷ 2
V + CAP +
82
7
6
OSC
LV
3
LOGIC
NETWORK
VOUT
5
CAP –
4
1
FC
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION (DIP and SOIC)
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC660COA
8-Pin SOIC
0
°C to +70°C
TC660CPA
8-Pin Plastic DIP
0
°C to +70°C
TC660EOA
8-Pin SOIC
– 40
°C to +85°C
TC660EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC7660EV
Evaluation Kit for
Charge Pump Family
TC660-2 9/10/96
EVALUATION
KIT
AVAILABLE


Similar Part No. - TC660

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC664 MICROCHIP-TC664 Datasheet
695Kb / 36P
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC664 MICROCHIP-TC664 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC664 MICROCHIP-TC664 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC664EUN MICROCHIP-TC664EUN Datasheet
695Kb / 36P
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC664 MICROCHIP-TC664_36 Datasheet
558Kb / 36P
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
11/29/12
More results

Similar Description - TC660

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
Charge Pump DC-TO-DC Voltage Converter
2001
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
Charge Pump DC-to-DC Voltage Converter
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com