Electronic Components Datasheet Search
  English  ▼

X  

LT1970CFE Datasheet(PDF) 13 Page - Linear Technology

Part # LT1970CFE
Description  500mA Power Op Amp with Adjustable Precision Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1970CFE Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1970CFE Datasheet HTML 9Page - Linear Technology LT1970CFE Datasheet HTML 10Page - Linear Technology LT1970CFE Datasheet HTML 11Page - Linear Technology LT1970CFE Datasheet HTML 12Page - Linear Technology LT1970CFE Datasheet HTML 13Page - Linear Technology LT1970CFE Datasheet HTML 14Page - Linear Technology LT1970CFE Datasheet HTML 15Page - Linear Technology LT1970CFE Datasheet HTML 16Page - Linear Technology LT1970CFE Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LT1970
1970fb
loop to take protective measures when a current limit
condition is detected automatically.
The current limit status flag can also be used to produce
a dramatic change in the current limit value of the ampli-
fier. Figure 4 illustrates a “snap-back” current limiting
characteristic. In this circuit, a simple resistor network
initially sets a high value of current limit (500mA). The
circuit operates normally until the signal is large enough to
enter current limit. When either current limit flag goes low,
the current limit control voltage is reduced by a factor of
10. This then forces a low level of output current (50mA)
until the signal is reduced in magnitude. When the load
current drops below the lower level, the current limit is
then restored to the higher value. This action is similar to
a self resettable fuse that trips at dangerously high current
levels and resets only when conditions are safe to do so.
THERMAL MANAGEMENT
Minimizing Power Dissipation
The LT1970 can operate with up to 36V total supply
voltage with output currents up to
±500mA. The amount
of power dissipated in the chip could approach 18W under
worst-case conditions. This amount of power will cause
die temperature to rise until the circuit enters thermal
shutdown. While the thermal shutdown feature prevents
damage to the circuit, normal operation is impaired.
Thermal design of the LT1970 operating environment is
essential to getting maximum utility from the circuit.
The first concern for thermal management is minimizing
the heat which must be dissipated. The separate power
pins V+ and V– can be a great aid in minimizing on-chip
power. The output pin can swing to within 1.0V of V+ or V–
even under maximum output current conditions. Using
separate power supplies, or voltage regulators, to set V+
APPLICATIO S I FOR ATIO
VCSRC
COMMON
VEE
VCSNK
V–
FILTER
V+
12V
ISOURCE FLAG
WHEN CURRENT LIMIT
IS FLAGGED, ILIMIT
TRESHOLD IS REDUCED
BY 0.5%
ISINK FLAG
EN
VCC
ISNK
ISRC
SENSE–
SENSE+
TSD
OUT
+IN
VIN
LT1970
–12V
–IN
RS
1
Ω
RL
1970 F03
RG
RF
R2
100
Ω
R1
100
Ω
CURRENT
LIMIT
CONTROL
VOLTAGE
(0.1V TO 5V)
R4
20k
R3
20k
VCSRC
COMMON
VEE
VCSNK
V–
FILTER
V+
12V
EN
VCC
ISNK
ISRC
SENSE–
SENSE+
TSD
OUT
+IN
VIN
LT1970
–12V
–IN
RS
1
Ω
RL
1970 F04
RG
10k
RF
10k
R3
2.55k
R2
39.2k
R1
54.9k
IMAX
500mA
–500mA
50mA
0
IOUT
ILOW
VCC • R2
(R1 + R2) • 10 • RS
IMAX ≈
VCC • (R2||R3)
[R1 + (R2||R3)] • 10 • RS
ILOW ≈
Figure 3. Adding Positive Feedback to Sharpen the Transition
Edges of the Current Limit Status Flags
Figure 4. “Snap-Back” Current Limiting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com