Electronic Components Datasheet Search
  English  ▼

X  

LT1970IFE Datasheet(PDF) 21 Page - Linear Technology

Part # LT1970IFE
Description  500mA Power Op Amp with Adjustable Precision Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1970IFE Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1970IFE Datasheet HTML 16Page - Linear Technology LT1970IFE Datasheet HTML 17Page - Linear Technology LT1970IFE Datasheet HTML 18Page - Linear Technology LT1970IFE Datasheet HTML 19Page - Linear Technology LT1970IFE Datasheet HTML 20Page - Linear Technology LT1970IFE Datasheet HTML 21Page - Linear Technology LT1970IFE Datasheet HTML 22Page - Linear Technology LT1970IFE Datasheet HTML 23Page - Linear Technology LT1970IFE Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LT1970
1970fb
APPLICATIO S I FOR ATIO
Figure 13. Simple Bidirectional DC Motor Speed Controller
maintain 0V, both outputs must be equal and opposite in
polarity, thus they track each other. If one output reaches
current limit and drops in voltage, the other output follows
to maintain a symmetrical + and – voltage across a
common load. Again, the output current limit is less than
the full capability of the LT1970 due to thermal reasons.
Separate current limit indicators are used on each LT1970
because one output only sources current and the other
only sinks current. Both devices can share the same
thermal shutdown indicator, as the output flags can be
OR’ed together.
Another simple linear power amplifier circuit is shown in
Figure 13. This uses the LT1970 as a linear driver of a DC
motor with speed control. The ability to source and sink
the same amount of output current provides for bidirec-
tional rotation of the motor. Speed control is managed by
sensing the output of a tachometer built on to the motor.
A typical feedback signal of 3V/1000rpm is compared with
the desired speed-set input voltage. Because the LT1970
is unity-gain stable, it can be configured as an integrator
to force whatever voltage across the motor as necessary
to match the feedback speed signal with the set input
signal.
Additionally, the current limit of the amplifier can be
adjusted to control the torque and stall current of the
motor. For reliability, a feedback scheme similar to that
shown in Figure 4 can be used. Assuming that a stalled
rotor will generate a current limit condition, the stall
current limit can be significantly reduced to prevent exces-
sive power dissipation in the motor windings.
For motor speed control without using a tachometer, the
circuit in Figure 14 shows an approach. Using the enable
feature of the LT1970, the drive to the motor can be
removed periodically. With no drive applied, the spinning
motor presents a back EMF voltage proportional to its
rotational speed. The LT1782 is a tiny rail-to-rail amplifier
VCSRC
COMMON
R4
49.9k
15V
–15V
REVERSE
FORWARD
R2
10k
VEE
VCSNK
V–
FILTER
V+
15V
EN
VCC
ISNK
ISRC
SENSE–
SENSE+
TSD
OUT
+IN
LT1970
–15V
–IN
RS
1
Ω
12V DC
MOTOR
TACH
FEEDBACK
3V/1000rpm
GND
1970 F13
C1
1
µF
R5
49.9k
R3
1.2k
R1
1.2k
OV TO 5V
TORQUE/STALL
CURRENT CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com