Electronic Components Datasheet Search
  English  ▼

X  

LT1976EFE Datasheet(PDF) 21 Page - Linear Technology

Part # LT1976EFE
Description  High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1976EFE Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1976EFE Datasheet HTML 17Page - Linear Technology LT1976EFE Datasheet HTML 18Page - Linear Technology LT1976EFE Datasheet HTML 19Page - Linear Technology LT1976EFE Datasheet HTML 20Page - Linear Technology LT1976EFE Datasheet HTML 21Page - Linear Technology LT1976EFE Datasheet HTML 22Page - Linear Technology LT1976EFE Datasheet HTML 23Page - Linear Technology LT1976EFE Datasheet HTML 24Page - Linear Technology LT1976EFE Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT1976/LT1976B
21
1976bfg
APPLICATIO S I FOR ATIO
See the Typical Performance Characteristics section for
graphs of SHDN and VIN currents verses input voltage.
SYNCHRONIZING
Oscillator synchronization to an external input is achieved
by connecting a TTL logic-compatible square wave with a
duty cycle between 20% and 80% to the LT1976 SYNC
pin. The synchronizing range is equal to initial operating
frequency up to 700kHz. This means that minimum
practical sync frequency is equal to the worst-case high
self-oscillating frequency (230kHz), not the typical oper-
ating frequency of 200kHz. Caution should be used when
synchronizing above 230kHz because at higher sync
frequencies the amplitude of the internal slope compen-
sation used to prevent subharmonic switching is re-
duced. This type of subharmonic switching only occurs at
input voltages less than twice output voltage. Higher
inductor values will tend to eliminate this problem. See
Frequency Compensation section for a discussion of an
entirely different cause of subharmonic switching before
assuming that the cause is insufficient slope compensa-
tion. Application Note 19 has more details on the theory
of slope compensation.
If the FB pin voltage is below 0.9V (power-up or output
short-circuit conditions) the sync function is disabled.
This allows the frequency foldback to operate to avoid and
hazardous conditions for the SW pin.
If the synchronization signal is present during Burst Mode
operation, synchronization will occur during the burst
portion of the output waveform. Synchronizing the LT1976
during Burst Mode operation may alter the natural burst
frequency which can lead to jitter and increased ripple in
the burst waveform. Synchronizing the LT1976B during
pulse skip operation may also increase output ripple.
If no synchronization is required this pin should be con-
nected to ground.
POWER GOOD
The LT1976 contains a power good block which consists
of a comparator, delay timer and active low flag that allows
the user to generate a delayed signal after the power good
threshold is exceeded.
Referring to Figure 2, the PGFB pin is the positive input to
a comparator whose negative input is set at VPGFB. When
PGFB is taken above VPGFB, current (ICSS) is sourced into
the CT pin starting the delay period. When the voltage on
the PGFB pin drops below VPGFB the CT pin is rapidly
discharged resetting the delay period. The PGFB voltage is
typically generated by a resistive divider from the regu-
lated output or input supply.
The capacitor on the CT pin determines the amount of
delay time between the PGFB pin exceeding its threshold
(VPGFB) and the PG pin set to a high impedance state.
When the PGFB pin rises above VPGFB current is sourced
Figure 8. Undervoltage Lockout
ENABLE
1.3V
1976 F08
3
μA
SHDN
R2
2.4V
–
+
SHDN
COMP
–
+
VIN
COMP
15
VIN
VOUT
LT1976
4
R1
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com