Electronic Components Datasheet Search
  English  ▼

X  

2SB804 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB804
Description  PNP Silicon Epitaxial Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB804 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB804 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
PNP Silicon Epitaxial Transistor
2SB804
Features
World standard miniature package:SOT-89
High collector to base voltage:VCBO
-100V
Excellent DC current gain linearity.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
-100
V
Collector to emitter voltage
VCEO
-80
V
Emitter to base voltage
VEBO
-5
V
Collector current
IC
-1
mA
Collector current(Pulse) *
IC
-1.5
mA
Total power dissipation
PT
2W
Junction temperature
Tj
150
Storage temperature range
Tstg
-55to+150
*PW
10ms,duty cycle
50%.
hFE Classification
Marking
AW
AV
AU
hFE
90
180
135
270
200
400
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = -100 V, IE = 0
-100
nA
Emitter cutoff current
IEBO
VEB =-5.0V, IC = 0
-100
nA
VCE =-2.0V, IC = -100 mA
90
200
400
VCE =-2.0V, IC = -500 mA
25
80
Collector saturation voltage *
VCE(sat) IC = -500mA, IB = -50mA
-0.29
-0.5
V
Base saturation voltage *
VBE(sat) IC = -500mA, IB = -50mA
-0.9
-1.5
V
Base-emitter voltage *
VBE
VCE =-10 V, IC = -10 mA
-600
-640
-700
mV
Gain bandwidth product
fT
VCE =-5.0V, IE =10mA
80
MHz
Output capacitance
Cob
VCB =-10 V, IE =0, f =1.0 MHz
26
pF
* Pulsed: PW
350 ìs, duty cycle
2%
DC current gain *
hFE


Similar Part No. - 2SB804

ManufacturerPart #DatasheetDescription
logo
NEC
2SB804 NEC-2SB804 Datasheet
222Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD?
logo
Renesas Technology Corp
2SB804 RENESAS-2SB804 Datasheet
351Kb / 6P
Old Company Name in Catalogs and Other Documents
logo
SHIKUES Electronics
2SB804 SKTECHNOLGY-2SB804 Datasheet
657Kb / 1P
hight collector to base voltage, World standard miniature package
logo
Guangdong Kexin Industr...
2SB804-HF KEXIN-2SB804-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB804-U-HF KEXIN-2SB804-U-HF Datasheet
1Mb / 3P
PNP Transistors
More results

Similar Description - 2SB804

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com