Electronic Components Datasheet Search
  English  ▼

X  

2SB1000 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1000
Description  Silicon PNP Epitaxial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1000 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1000 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Silicon PNP Epitaxial
2SB1000
Features
Low frequency amplifier.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
-25
V
Collector to emitter voltage
VCEO
-20
V
Emitter to base voltage
VEBO
-5
V
Collector current
IC
-1
A
peak collector current
ICP *-1.5
A
Collector power dissipation
PC
1W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
*PW
10 ms; d
0.02.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector to base breakdown voltage
V(BR)CBO IC =-10 ìA, IE =0
-25
V
Collector to emitter breakdown voltage
V(BR)CEO IC =-1mA, RBE =
-20
V
Emitter to base breakdown voltage
V(BR)EBO IE =-10 ìA, IC =0
-5
V
Collector cutoff current
ICBO
VCB =-20 V, IE =0
-0.1
ìA
Emitter cutoff current
IEBO
VEB =-4V, IC =0
-0.1
ìA
DC current transfer ratio *
hFE
VCE =-2V, IC = -0.5 A
85
240
Collector to emitter saturation voltage *
VCE(sat) IC =-0.8A, IB = -0.08 A
-0.2
-0.3
V
Base to emitter saturation voltage *
VBE(sat) IC =-0.8A, IB = -0.08 A
-0.94
-1.1
V
Gain bandwidth product
fT
VCE =-2V, IC = -0.15 A
200
MHz
Collector output capacitance
Cob
VCB =-10 V, IE = 0 f=1MHz
38
pF
hFE Classification
Marking
AH
AJ
hFE
85
170
120
240


Similar Part No. - 2SB1000

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB1000 HITACHI-2SB1000 Datasheet
146Kb / 1P
LOW FREQUENCY POWER AMPLIFIER Complementary pair 2SD 1366
logo
Guangdong Kexin Industr...
2SB1000-H KEXIN-2SB1000-H Datasheet
1,021Kb / 2P
PNP Transistors
2SB1000-H-HF KEXIN-2SB1000-H-HF Datasheet
1,010Kb / 2P
PNP Transistors
2SB1000-HF KEXIN-2SB1000-HF_15 Datasheet
1,010Kb / 2P
PNP Transistors
2SB1000-J KEXIN-2SB1000-J Datasheet
1,021Kb / 2P
PNP Transistors
More results

Similar Description - 2SB1000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA778 RENESAS-2SA778 Datasheet
106Kb / 7P
Silicon PNP Epitaxial
2SA893A RENESAS-2SA893A Datasheet
161Kb / 5P
Silicon PNP Epitaxial
2SA1121 RENESAS-2SA1121 Datasheet
65Kb / 5P
Silicon PNP Epitaxial
2SA1122 RENESAS-2SA1122 Datasheet
164Kb / 5P
Silicon PNP Epitaxial
2SA2080 RENESAS-2SA2080_05 Datasheet
172Kb / 6P
Silicon PNP Epitaxial
2SB562 RENESAS-2SB562 Datasheet
157Kb / 6P
Silicon PNP Epitaxial
2SB831 RENESAS-2SB831 Datasheet
160Kb / 6P
Silicon PNP Epitaxial
2SA1468 RENESAS-2SA1468 Datasheet
154Kb / 8P
Silicon PNP Epitaxial
2SB1059 RENESAS-2SB1059 Datasheet
139Kb / 6P
Silicon PNP Epitaxial
2SB1409 RENESAS-2SB1409 Datasheet
152Kb / 8P
Silicon PNP Epitaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com